Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USD384 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # USD384
Description  0.35 um ULC Series with Embedded DPRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

USD384 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button USD384 Datasheet HTML 3Page - ATMEL Corporation USD384 Datasheet HTML 4Page - ATMEL Corporation USD384 Datasheet HTML 5Page - ATMEL Corporation USD384 Datasheet HTML 6Page - ATMEL Corporation USD384 Datasheet HTML 7Page - ATMEL Corporation USD384 Datasheet HTML 8Page - ATMEL Corporation USD384 Datasheet HTML 9Page - ATMEL Corporation USD384 Datasheet HTML 10Page - ATMEL Corporation USD384 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
4319B–ULC–12/03
5V
Specified at V
CC = +5V +/- 5%
I/O Buffer
Symbol
Parameter
Buffer
Min
Typ
Max
Unit
Conditions
TA
Operating Temperature
All
-55
+125
°C
VDD
Supply Voltage
5V Tolerant
3.0
3.3
3.6
V
VDD5
Supply Voltage
5V Compliant
4.5
5.0
5.5
V
IIH
High level input current
CMOS
10
µA
VIN = VDD,VDD = VDD (max)
IIL
Low Level input current
CMOS
-10
µA
VIN = VSS,VDD = VDD (max)
IOZ
High-Impedance State
Output Current
All
-10
10
µA
VIN = VDD or VSS,
VDD = VDD (max), No Pull-up
IOS
Output short-circuit current
PO11V
8
mA
VOUT = VDD,VDD = VDD (max)
VOUT = VSS,VDD = VDD (max)
PO11V
-7
VIH
High-level Input Voltage
PICV5
2.0
5.0
5.5
V
CMOS/TTL-level
Schmitt
2.0
1.7
VIL
Low-Level Input Voltage
PICV5
0.5VCC
0.8
V
CMOS/TTL-level
Schmitt
1.1
0.8
Vhys
Hysteresis
TTL-level Schmitt
0.6
V
VOH
High-Level output voltage
PO11V
0.7VDD
V
IOH = -1.7mA
IOH = -1.7mA
PO11V5
0.7VCC
VOL
Low-Level output voltage
PO11V
0.5
V
IOL = 1.7mA
PO11V5
0.5
Symbol
Parameter
Typ
Unit
Conditions
C IN
Capacitance, Input Buffer (Die)
2.4
pF
3.3V
C OUT
Capacitance, Output Buffer (Die)
5.6
pF
3.3V
C I/O
Capacitance, Bidirectional
6.6
pF
3.3V


Similar Part No. - USD384

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USD3030C MICROSEMI-USD3030C Datasheet
92Kb / 2P
   POWER SCHOTTKY RECTIFIER
USD3030S MICROSEMI-USD3030S Datasheet
87Kb / 2P
   POWER SCHOTTKY RECTIFIERS
USD3040C MICROSEMI-USD3040C Datasheet
92Kb / 2P
   POWER SCHOTTKY RECTIFIER
USD3040S MICROSEMI-USD3040S Datasheet
87Kb / 2P
   POWER SCHOTTKY RECTIFIERS
USD3045C MICROSEMI-USD3045C Datasheet
92Kb / 2P
   POWER SCHOTTKY RECTIFIER
More results

Similar Description - USD384

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
   0.18um ULC Series with Embedded DPRAM
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
ams AG
ON33 AMSCO-ON33 Datasheet
12Kb / 1P
   0.35 UM CMOS
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT Datasheet
789Kb / 22P
   Radiation Tolerant 0.35 um CMOS
UG01 ATMEL-UG01 Datasheet
38Kb / 7P
   0.6um ULC Series
logo
UN Semiconducctor INC
ESD05V72T-ULC UNSEMI-ESD05V72T-ULC Datasheet
124Kb / 1P
   ESD05V72T-ULC
2023-06-20
logo
TDK Electronics
SD0201SL-ULC101 TDK-SD0201SL-ULC101 Datasheet
419Kb / 12P
   WL-CSP0201 Slim-line, ULC type
2021-04-07 Version: 1
logo
ATMEL Corporation
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
Caliber Electronics Inc...
GA32C1 CALIBER-GA32C1 Datasheet
51Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
logo
List of Unclassifed Man...
GA32C3 ETC2-GA32C3 Datasheet
46Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com