Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN9DB00 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN9DB00
Description  Analog master slice IC series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 2 page
background image
AN9D, AN9E, AN9F Series
Analog Master Slice
2
s Product Mix
Element characteristics
Series name
Supply
NPN transistor
PNP transistor
Remarks
voltage
fT(max)
BVCEO
hFE
fT(max)
BVCEO
hFE
AN9D series to 12 V
2.6 GHz
14.4 V 100 to 250 1.0 GHz
14.4 V
66 to 200
For low power dissipation/
high speed operation IC
AN9E series
to 12 V 3.5 GHz
14.4 V
80 to 250 1.5 GHz
14.4 V
50 to 130
For Bi-CMOS IC
AN9F series
to 30 V 300 MHz
30 V
80 to 250
9 MHz
30 V
80 to 350
For high breakdown
voltage IC
s Basic Block Configuration (AN9DA00, AN9DB00, AN9DF00)
SP2 resistor
(variable)
SP2 resistor
(variable)
SP resistor
(fixed)
SP resistor
(fixed)
Capacitance
PNP transistor
(lateral type)
PNP transistor
(vertical type)
NPN transistor
(collector wall type)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8051Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl