Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN9DB00 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN9DB00
Description  Analog master slice IC series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 5 page
background image
Analog Master Slice
AN9D, AN9E, AN9F Series
5
Product name
AN9FA00
Remarks
Pad count
36
Total element count
1 655
Transistor count
308
N11X
72
Basic size
NPN
W11X
72
Basic size (surrounded with DN)
N100X
8
100 times size
PNP
YA1
144
Basic size (Lateral type)
YX1DP
12
Emitter and collector are surrounded with DN
Resistor count
1 308
SP
2 k
1 068
Resistance variable
5 k
48
Resistance variable
PW
10 k
136
50 k
56
Capacitor count
7.5 pF
24
Capacitance variable
Diode count
ZD
ZB2
15
Bulk Zener diode
Special block
Output circuit
3
250 times size transistor built-in
Reference power supply circuit
1
2.5 V reference power supply circuit
Circuit name
Contents
Features
Remarks
Op-amp.1
General-use
Wide output D-range: 0.2 V to VCC − 0.5 V
AN9D series
Single power supply operational amp.
Low power consumption: ICC = 0.5 mA
Op-amp.2
High speed
High speed: Cutoff frequency
= 20 MHz
AN9D series
Highly stable operational amp.
: Slew rate
= 100 V/µs
Op-amp.3
General-use
Low power consumption: ICC = 0.15 mA
AN9D series
Single power supply operational amp.
Op-amp.4
General-use
High gain: Voltage gain
= 107 dB
AN9D series
Single power supply operational amp.
High stability: Phase margin
= 43°
Comp1
Low power consumption
Low power consumption: ICC = 0.1 mA
AN9D series
Single power supply comparator
High speed: tr / tf = 0.15 µs/0.3 µs
Comp2
Single power supply
High speed: td = 0.015 µs
AN9D series
High speed comparator
Reg1
General-use
High temp. stability: 150 ppm/degree or less
AN9D series
Stabilized power supply
Wide output voltage range: 1.3 V to VCC − 0.5 V
s Circuit Library
General-use basic circuits are available as libraries.
• AN9F series (V
CC = to 30 V, fT(max) = 300 MHz)
• High voltage process adopted
• Constant-variable resistor and capacitor elements built in
• Built-in Zener diode for simplified reference voltage
• Output-circuit-exclusive three blocks are built in
• ZAP-adopted reference-voltage-exclusive one block is built in




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8051Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl