Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN9DB00 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN9DB00
Description  Analog master slice IC series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 4 page
background image
AN9D, AN9E, AN9F Series
Analog Master Slice
4
Product name
AN9EA00* AN9EB00*
Remarks
Pad count
40
55
Total element count
8 830
14 033
Transistor count
900
1 402
N21
420
588
Double size
NPN
N54
20
34
40 times size
A42G
20
96
PNP
P21
420
588
Double size (Vertical type)
V42G
20
96
Resistor count
5 016
7 138
40 k
90
160
SP
10 k
1 440
2 016
5 k
1 680
2 352
PS
5 k
1 086
1 602
Resistance variable
2 k
720
1 008
Resistance variable
Capacitor count
5 pF
60
84
Diode count
30
42
ZD1
30
42
Zener zap element
MOS count
12
32
N-MOS
6
16
60/2
P-MOS
6
16
30/2
Gate array count
2 800
5 400
LOGIC
2 800
5 400
Use rate 35% or less
Standard cell count
12
19
Analog SW
6
12
Analog SW
4
4
8-bit DAC
1
1
Oscillation circuit
1
2
Note) *: Under development
• AN9E series (V
CC = to 12 V, fT(max) = 3.5 GHz)
• Bi-CMOS process adopted
• Constant-variable resistor and capacitor elements built in
• Gate array and standard cell built in
• Zener zap elements built in




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8051Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl