Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AN9DB00 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN9DB00
Description  Analog master slice IC series
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 3 page
background image
Analog Master Slice
AN9D, AN9E, AN9F Series
3
Product name
AN9DA00 AN9DB00 AN9DC00 AN9DE00 AN9DD00* AN9DF00
Remarks
Pad count
28
36
55
64
75
32
Total element count
1 287
2 424
3 854
5 106
6 602
1 607
Transistor count
306
600
920
1 288
1 610
306
A11
320
448
560
Basic size
NPN
A21
160
224
280
Double size
A62P
8
8
8
62 times size
B11
126
252
126
Basic size (CW winding)
LA1
84
168
84
Basic size (Lateral type)
PNP
LA4S
4
4
4
8 times size (Lateral type)
V11
84
168
320
448
560
84
Basic size (Vertical type)
V21
120
168
210
Double size (Vertical type)
Gate countIIL
320
Resistor count
969
1 800
2 854
3 706
4 852
969
SP
5 k
474
888
1 408
1 728
2 440
474
10 k
198
336
480
640
800
198
SP2
2.5 k
297
576
966
1 338
1 612
297
Resistance variable
Capacitor count 5 pF
12
24
80
112
140
12
Note) *: Under development
• AN9D series (V
CC = to 12 V, fT(max) = 2.6 GHz)
• High speed low power dissipation process
• Constant-variable resistor and capacitor elements built in
• Large current transistor built in (AN9DA00, AN9DB00, AN9DF00)
• Optimal for a control-system application due to built-in collector wall type NPN transistors and lateral PNP transis-
tors (AN9DA00, AN9DB00, AN9DF00)
• Optimal for signal processing application due to built-in high speed NPN transistors and vertical PNP transistors
(AN9DC00, AN9DD00, AN9DE00)
• IIL element built-in (AN9DF00)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS8701HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER 1 2 3 4 5 MoreNEC
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
MC74LVX8051Analog Multiplexer/Demultiplexer 1 2 3 4 5 MoreON Semiconductor
74HC4052Dual 4-channel analog multiplexer/demultiplexer 1 2 3 4 5 MoreNXP Semiconductors
TEA1097Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer 1 2 3 4 5 MoreNXP Semiconductors
M491BSINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL 1 2 3 4 5 MoreSTMicroelectronics
HV20220Low Charge Injection 8-Channel High Voltage Analog Switch 1 2 3 4 5 MoreSupertex, Inc
SN54LV4053ATRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS 1 2 3 4 5 MoreTexas Instruments
TK15211Audio Analog Switch 1 2 3 4 5 MoreTOKO, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl