Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M378T6553CZ3-CE7 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M378T6553CZ3-CE7
Description  DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M378T6553CZ3-CE7 Datasheet(HTML) 3 Page - Samsung semiconductor

  M378T6553CZ3-CE7 Datasheet HTML 1Page - Samsung semiconductor M378T6553CZ3-CE7 Datasheet HTML 2Page - Samsung semiconductor M378T6553CZ3-CE7 Datasheet HTML 3Page - Samsung semiconductor M378T6553CZ3-CE7 Datasheet HTML 4Page - Samsung semiconductor M378T6553CZ3-CE7 Datasheet HTML 5Page - Samsung semiconductor M378T6553CZ3-CE7 Datasheet HTML 6Page - Samsung semiconductor M378T6553CZ3-CE7 Datasheet HTML 7Page - Samsung semiconductor M378T6553CZ3-CE7 Datasheet HTML 8Page - Samsung semiconductor M378T6553CZ3-CE7 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Rev. 1.2 Aug. 2005
256MB, 512MB, 1GB Unbuffered DIMMs
DDR2 SDRAM
x64 DIMM Pin Configurations (Front side/Back side)
NC = No Connect, RFU = Reserved for Future Use
1. Pin196(A13) is used for x4/x8 base Unbuffered DIMM.
2. The TEST pin is reserved for bus analysis tools and is not connected on standard memory module products (DIMMs.)
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
1
VREF
121
VSS
31
DQ19
151
VSS
61
A4
181
VDDQ
91
VSS
211
DM5
2
VSS
122
DQ4
32
VSS
152
DQ28
62
VDDQ
182
A3
92
DQS5
212
NC
3
DQ0
123
DQ5
33
DQ24
153
DQ29
63
A2
183
A1
93
DQS5
213
VSS
4
DQ1
124
VSS
34
DQ25
154
VSS
64
VDD
184
VDD
94
VSS
214
DQ46
5
VSS
125
DM0
35
VSS
155
DM3
KEY
95
DQ42
215
DQ47
6DQS0
126
NC
36
DQS3
156
NC
65
VSS
185
CK0
96
DQ43
216
VSS
7
DQS0
127
VSS
37
DQS3
157
VSS
66
VSS
186
CK097
VSS
217
DQ52
8
VSS
128
DQ6
38
VSS
158
DQ30
67
VDD
187
VDD
98
DQ48
218
DQ53
9
DQ2
129
DQ7
39
DQ26
159
DQ31
68
NC
188
A0
99
DQ49
219
VSS
10
DQ3
130
VSS
40
DQ27
160
VSS
69
VDD
189
VDD
100
VSS
220
CK2
11
VSS
131
DQ12
41
VSS
161
NC
70
A10/AP
190
BA1
101
SA2
221
CK2
12
DQ8
132
DQ13
42
NC
162
NC
71
BA0
191
VDDQ
102
NC, TEST2
222
VSS
13
DQ9
133
VSS
43
NC
163
VSS
72
VDDQ
192
RAS
103
VSS
223
DM6
14
VSS
134
DM1
44
VSS
164
NC
73
WE
193
S0
104
DQS6
224
NC
15
DQS1
135
NC
45
NC
165
NC
74
CAS
194
VDDQ
105
DQS6
225
VSS
16
DQS1
136
VSS
46
NC
166
VSS
75
VDDQ
195
ODT0
106
VSS
226
DQ54
17
VSS
137
CK1
47
VSS
167
NC
76
S1196
A131
107
DQ50
227
DQ55
18
NC
138
CK1
48
NC
168
NC
77
ODT1
197
VDD
108
DQ51
228
VSS
19
NC
139
VSS
49
NC
169
VSS
78
VDDQ
198
VSS
109
VSS
229
DQ60
20
VSS
140
DQ14
50
VSS
170
VDDQ
79
VSS
199
DQ36
110
DQ56
230
DQ61
21
DQ10
141
DQ15
51
VDDQ
171
CKE1
80
DQ32
200
DQ37
111
DQ57
231
VSS
22
DQ11
142
VSS
52
CKE0
172
VDD
81
DQ33
201
VSS
112
VSS
232
DM7
23
VSS
143
DQ20
53
VDD
173
NC
82
VSS
202
DM4
113
DQS7
233
NC
24
DQ16
144
DQ21
54
NC
174
NC
83
DQS4203
NC
114
DQS7234
VSS
25
DQ17
145
VSS
55
NC
175
VDDQ
84
DQS4
204
VSS
115
VSS
235
DQ62
26
VSS
146
DM2
56
VDDQ
176
A12
85
VSS
205
DQ38
116
DQ58
236
DQ63
27
DQS2
147
NC
57
A11
177
A9
86
DQ34
206
DQ39
117
DQ59
237
VSS
28
DQS2
148
VSS
58
A7
178
VDD
87
DQ35
207
VSS
118
VSS
238
VDDSPD
29
VSS
149
DQ22
59
VDD
179
A8
88
VSS
208
DQ44
119
SDA
239
SA0
30
DQ18
150
DQ23
60
A5
180
A6
89
DQ40
209
DQ45
120
SCL
240
SA1
90
DQ41
210
VSS


Similar Part No. - M378T6553CZ3-CE7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T6553BG0-CC SAMSUNG-M378T6553BG0-CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T6553BG0-CD5/CC SAMSUNG-M378T6553BG0-CD5/CC Datasheet
367Kb / 23P
   DDR2 Unbuffered SDRAM MODULE
M378T6553BGZ0-CD5/CC SAMSUNG-M378T6553BGZ0-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T6553BGZ3-CD5/CC SAMSUNG-M378T6553BGZ3-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
More results

Similar Description - M378T6553CZ3-CE7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393T6553CZ3 SAMSUNG-M393T6553CZ3 Datasheet
476Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M470T3354CZ3 SAMSUNG-M470T3354CZ3 Datasheet
328Kb / 18P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com