Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5216165 Datasheet(PDF) 11 Page - Elpida Memory

Part # HM5216165
Description  16M LVTTL INTERFACE SDRAM (512-kword x 16-bit x 2-bank)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5216165 Datasheet(HTML) 11 Page - Elpida Memory

Back Button HM5216165 Datasheet HTML 7Page - Elpida Memory HM5216165 Datasheet HTML 8Page - Elpida Memory HM5216165 Datasheet HTML 9Page - Elpida Memory HM5216165 Datasheet HTML 10Page - Elpida Memory HM5216165 Datasheet HTML 11Page - Elpida Memory HM5216165 Datasheet HTML 12Page - Elpida Memory HM5216165 Datasheet HTML 13Page - Elpida Memory HM5216165 Datasheet HTML 14Page - Elpida Memory HM5216165 Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
HM5216165 Series
Data Sheet E0167H10
11
Current state
CS
RAS CAS WE
Address
Command
Operation
Write
H
××
××
DESL
Continue burst to end
LH
H
H
×
NOP
Continue burst to end
LH
H
L
×
BST
Burst stop on full page
L
H
L
H
BA, CA, A10
READ/READ A
Term burst and new read
L
H
L
L
BA, CA, A10
WRIT/WRIT A
Term burst and new write
L
L
H
H
BA, RA
ACTV
Other bank active
ILLEGAL on same bank*
3
L
L
H
L
BA, A10
PRE, PALL
Term burst write and
precharge*
2
LL
LH
×
REF, SELF
ILLEGAL
L
L
L
L
MODE
MRS
ILLEGAL
Write with
auto-precharge
H
××
××
DESL
Continue burst to end and
precharge
LH
H
H
×
NOP
Continue burst to end and
precharge
LH
H
L
×
BST
ILLEGAL
L
H
L
H
BA, CA, A10
READ/READ A
ILLEGAL
L
H
L
L
BA, CA, A10
WRIT/WRIT A
ILLEGAL
L
L
H
H
BA, RA
ACTV
Other bank active
ILLEGAL on same bank*
3
L
L
H
L
BA, A10
PRE, PALL
ILLEGAL
LL
LH
×
REF, SELF
ILLEGAL
L
L
L
L
MODE
MRS
ILLEGAL
Refresh
(auto refresh)
H
××
××
DESL
Enter IDLE after t
RC
LH
H
H
×
NOP
Enter IDLE after t
RC
LH
H
L
×
BST
Enter IDLE after t
RC
L
H
L
H
BA, CA, A10
READ/READ A
ILLEGAL
L
H
L
L
BA, CA, A10
WRIT/WRIT A
ILLEGAL
L
L
H
H
BA, RA
ACTV
ILLEGAL
L
L
H
L
BA, A10
PRE, PALL
ILLEGAL
LL
LH
×
REF, SELF
ILLEGAL
L
L
L
L
MODE
MRS
ILLEGAL
Notes: 1. H: V
IH.
L: V
IL. ×:
V
IH or VIL.
The other combinations are inhibit.
2. An interval of t
DPL is required between the final valid data input and the precharge command.
3. If t
RRD is not satisfied, this operation is illegal.


Similar Part No. - HM5216165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5216405 HITACHI-HM5216405 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
HM5216405LTT-10H HITACHI-HM5216405LTT-10H Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
HM5216405TT-10H HITACHI-HM5216405TT-10H Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
HM5216405TT-12 HITACHI-HM5216405TT-12 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
HM5216805 HITACHI-HM5216805 Datasheet
569Kb / 60P
   16 M LVTTL Interface SDRAM 100 MHz/83 MHz 1-Mword 쨈 8-bit 쨈 2-bank/2-Mword 쨈 4-bit 쨈 2-bank
More results

Similar Description - HM5216165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
logo
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GG6KB WINBOND-W632GG6KB Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
logo
Elite Semiconductor Mem...
M15F2G16128A ESMT-M15F2G16128A Datasheet
4Mb / 130P
   16M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Etron Technology, Inc.
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Hitachi Semiconductor
HM5212325F HITACHI-HM5212325F Datasheet
62Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212325FBPC HITACHI-HM5212325FBPC Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com