Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFJ11-1075E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HFJ11-1075E
Description  Single Port 10BASE-T RJ-45 Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HFJ11-1075E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HFJ11-1075E Datasheet HTML 1Page - List of Unclassifed Manufacturers HFJ11-1075E Datasheet HTML 2Page - List of Unclassifed Manufacturers HFJ11-1075E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HALO Electronics • 1861 Landings Drive, Mountain View, CA 94043 • PH: 650-903-3800
www.haloelectronics.com • info@haloelectronics.com • This Datasheet: fastjack-10base-t.pdf Rev. 7/03
10BASE-T
FastJack™ Part Number
Vendor
Silicon P / N
Single
Ganged*
Stacked/Ganged*
AMD
Am79C984A, 985, 988A, 989
HFJ11-1081E
HFJ1x-1081E
HFJ2x-1081E
Cirrus Logic
CS8900-CQ/IQ, CS8920, CS8904-CM5
HFJ11-1043E
HFJ1x-1043E
HFJ2x-1043E
Cirrus Logic
CS8900-CQ3/IQ3, CS8904-CM3
HFJ11-1041E
HFJ1x-1041E
HFJ2x-1041E
Intel
LXT901/1A, 907/7A, LXT914/915
HFJ11-1043E
HFJ1x-1043E
HFJ2x-1043E
Intel
LXT905, LXT908
HFJ11-1075E
HFJ1x-1075E
HFJ2x-1075E
LSI
80C24/25
HFJ11-1066E
HFJ1x-1066E
HFJ2x-1066E
NSC
DP83907, DP83953
HFJ11-1086E
HFJ1x-1086E
HFJ2x-1086E
RealTek
RTL8019
HFJ11-S101E
-
-
SMSC
LAN91C95/96 (5V)
HFJ11-S101E
-
-
SMSC
LAN91C96 (3.3V)
HFJ11-S114E
-
-
Ubicom
IP2022
HFJ11-S114E
-
-
10/100BASE-TX
FastJack™ Part Number
Vendor
Silicon P / N
Single
Ganged*
Stacked/Ganged*
AMD
79C873/4/5
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
AMD
79C973/5
HFJ11-2441E
HFJ1x-2441E
HFJ2x-2441E
ASIX
AX88796L
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
Broadcom
AC101, AC104, AC205/6/7/8
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
Broadcom
BCM52xx, BCM531x
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
Crystal
CS8952
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
Davicom
DM9000
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
IDT
QS6611
HFJ11-2431E
HFJ1x-2431E
HFJ2x-2431E
IDT
QS6612
HFJ11-2439E
HFJ1x-2439E
HFJ2x-2439E
Intel
82558/9, LXT970/1/2/3, LXT976X/978X
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
Intel
LXT974A, LXT975A, LXT980/2/3
HFJ11-2420E
HFJ1x-2420E
HFJ2x-2420E
Kendin
KS8761
HFJ11-2431E
HFJ1x-2431E
HFJ2x-2431E
Kendin
KS8721, KS8737, KS899x
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
LSI
80C220/80C221
HFJ11-2420E
HFJ1x-2420E
HFJ2x-2420E
LSI
80223/84220
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
Marvell
88E3061/81/82/83, 88E6050/1/2
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
Marvell
88E6021, 88E6023
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
NSC
DP83223/83843/83846A/83847
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
RealTek
RTL8139C, RTL8201
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
SMSC
LAN91C111, LAN91C113
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
ST Micro
STE10/100A, STE100P
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
ST Micro
STE400P, STE800P*
HFJ11-2431E
HFJ1x-2431E
HFJ2x-2431E
TDK
78Q2120/1
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
T.I.
TNETE2101
HFJ11-2450E
HFJ1x-2450E
HFJ2x-2450E
* For Ganged and Stacked/Ganged connectors replace x with the number of ports per row.
FastJack™ Selector Guide


Similar Part No. - HFJ11-1075E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFJ11-1075E ETC2-HFJ11-1075E Datasheet
141Kb / 3P
   FastJack??Single Port 10/100BASE-TX RJ-45 Connectors
HFJ11-1075E-L11RL ETC2-HFJ11-1075E-L11RL Datasheet
458Kb / 2P
   1x1 10BASE-T Magnetics Tab Down RJ45
logo
HALO Electronics, Inc.
HFJ11-1075E-L11RL HALO-HFJ11-1075E-L11RL Datasheet
483Kb / 3P
   1x1 10BASE-T Integrated Magnetics Tab Down RJ45
logo
List of Unclassifed Man...
HFJ11-1075E-L12RL ETC2-HFJ11-1075E-L12RL Datasheet
458Kb / 2P
   1x1 10BASE-T Magnetics Tab Down RJ45
logo
HALO Electronics, Inc.
HFJ11-1075E-L12RL HALO-HFJ11-1075E-L12RL Datasheet
483Kb / 3P
   1x1 10BASE-T Integrated Magnetics Tab Down RJ45
More results

Similar Description - HFJ11-1075E

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RT1A1008T099 DELTA-RT1A1008T099 Datasheet
203Kb / 4P
   RJ-45 MODULAR JACK FOR ETHERNET(10BASE-T, 1 PORT)
logo
List of Unclassifed Man...
HFJV1-2450RL ETC2-HFJV1-2450RL Datasheet
126Kb / 3P
   10BASE-T and 10/100BASE-TX Integrated Ethernet RJ-45 Connectors
logo
PCA ELECTRONICS INC.
EPJ9372 PCA-EPJ9372 Datasheet
150Kb / 1P
   RJ Filter Port Jacks with 10Base-T Filters
EPJ9369 PCA-EPJ9369 Datasheet
156Kb / 1P
   RJ Filter Port Jacks with 10Base-T Filters
EPJ9372A PCA-EPJ9372A Datasheet
28Kb / 1P
   RJ Filter Port Jacks with 10Base-T Filters
logo
MPS Industries, Inc.
N5607 MPSIND-N5607 Datasheet
425Kb / 1P
   1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
logo
List of Unclassifed Man...
HFJ11-LG1GE-L12RL ETC2-HFJ11-LG1GE-L12RL Datasheet
141Kb / 3P
   FastJack??Single Port 10/100BASE-TX RJ-45 Connectors
logo
MPS Industries, Inc.
N5606 MPSIND-N5606 Datasheet
440Kb / 1P
   1000BASE-T SINGLE PORT RJ-45 JACK WITH MAGNETIC MODULE
logo
API Technologies Corp
6814 APITECH-6814 Datasheet
289Kb / 1P
   10Base-T Single Port Module
logo
PCA ELECTRONICS INC.
EPJ9102 PCA-EPJ9102 Datasheet
61Kb / 1P
   Single USB / RJ-45 Filter Port Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com