Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLM5964-6F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FLM5964-6F
Description  C-Band Internally Matched FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FLM5964-6F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FLM5964-6F Datasheet HTML 1Page - List of Unclassifed Manufacturers FLM5964-6F Datasheet HTML 2Page - List of Unclassifed Manufacturers FLM5964-6F Datasheet HTML 3Page - List of Unclassifed Manufacturers FLM5964-6F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FLM5964-6F
C-Band Internally Matched FET
POWER DERATING CURVE
50
0
100
150
200
Case Temperature (
°C)
40
30
20
10
OUTPUT POWER & IM3 vs. INPUT POWER
VDS=10V
f1 = 6.4 GHz
f2 = 6.41 GHz
2-tone test
14
16
18
20
22
24
26
Input Power (S.C.L.) (dBm)
S.C.L.: Single Carrier Level
27
29
31
33
25
23
21
-55
-45
-35
-25
-15
-5
5
15
IM3
Pout
OUTPUT POWER vs. FREQUENCY
Pin=30dBm
26dBm
24dBm
28dBm
6.0
5.9
6.1
6.3
6.2
6.4
Frequency (GHz)
38
39
40
41
36
37
35
VDS=10V
P1dB
OUTPUT POWER vs. INPUT POWER
VDS=10V
f = 6.15 GHz
18
20
22
24
26
28
30
Input Power (dBm)
42
40
38
36
34
32
30
28
30
45
60
75
90
15
ηadd
Pout


Similar Part No. - FLM5964-6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM5964-12F ETC1-FLM5964-12F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5964-18F ETC1-FLM5964-18F Datasheet
283Kb / 4P
   C-Band Internally Matched FET
FLM5964-25F ETC1-FLM5964-25F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5964-35F ETC1-FLM5964-35F Datasheet
283Kb / 5P
   C-Band Internally Matched FET
FLM5964-45F ETC1-FLM5964-45F Datasheet
283Kb / 5P
   C-Band Internally Matched FET
More results

Similar Description - FLM5964-6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM7179-18F ETC-FLM7179-18F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5359-12F ETC1-FLM5359-12F Datasheet
298Kb / 4P
   C-Band Internally Matched FET
logo
Eudyna Devices Inc
FLM3135-12F EUDYNA-FLM3135-12F Datasheet
294Kb / 4P
   C-Band Internally Matched FET
FLM3135-18F EUDYNA-FLM3135-18F Datasheet
295Kb / 4P
   C-Band Internally Matched FET
FLM3742-12F EUDYNA-FLM3742-12F Datasheet
296Kb / 4P
   C-Band Internally Matched FET
FLM5359-35F EUDYNA-FLM5359-35F Datasheet
190Kb / 5P
   C-Band Internally Matched FET
FLM6472-25F EUDYNA-FLM6472-25F Datasheet
282Kb / 4P
   C-Band Internally Matched FET
FLM7785-6F EUDYNA-FLM7785-6F Datasheet
235Kb / 4P
   C-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM3439-12F ETC1-FLM3439-12F Datasheet
295Kb / 4P
   C-Band Internally Matched FET
FLM5964-25F ETC1-FLM5964-25F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5964-12F ETC1-FLM5964-12F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com