Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP80C251SP16 Datasheet(PDF) 8 Page - Intel Corporation

Part # TP80C251SP16
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP80C251SP16 Datasheet(HTML) 8 Page - Intel Corporation

Back Button TP80C251SP16 Datasheet HTML 4Page - Intel Corporation TP80C251SP16 Datasheet HTML 5Page - Intel Corporation TP80C251SP16 Datasheet HTML 6Page - Intel Corporation TP80C251SP16 Datasheet HTML 7Page - Intel Corporation TP80C251SP16 Datasheet HTML 8Page - Intel Corporation TP80C251SP16 Datasheet HTML 9Page - Intel Corporation TP80C251SP16 Datasheet HTML 10Page - Intel Corporation TP80C251SP16 Datasheet HTML 11Page - Intel Corporation TP80C251SP16 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
PRELIMINARY
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Table 4. 8XC251SA/SB/SP/SQ Pin Assignment
PLCC
DIP
Name
PLCC
DIP
Name
1
V
SS
1
23
V
SS
2
2
1
P1.0/T2
24
21
A8/P2.0
3
2
P1.1/T2EX
25
22
A9/P2.1
4
3
P1.2/ECI
26
23
A10/P2.2
5
4
P1.3/CEX0
27
24
A11/P2.3
6
5
P1.4/CEX1
28
25
A12/P2.4
7
6
P1.5/CEX2
29
26
A13/P2.5
8
7
P1.6/CEX3/WAIT#
30
27
A14/P2.6
9
8
P1.7/CEX4/A17/WCLK
31
28
A15/P2.7
10
9
RST
32
29
PSEN#
11
10
P3.0/RXD
33
30
ALE/PROG#
12
V
CC
2
34
V
SS
2
13
11
P3.1/TXD
35
31
EA#/V
PP
14
12
P3.2/INT0#
36
32
AD7/P0.7
15
13
P3.3/INT1#
37
33
AD6/P0.6
16
14
P3.4/T0
38
34
AD5/P0.5
17
15
P3.5/T1
39
35
AD4/P0.4
18
16
P3.6/WR#
40
36
AD3/P0.3
19
17
P3.7/RD#/A16
41
37
AD2/P0.2
20
18
XTAL2
42
38
AD1/P0.1
21
19
XTAL1
43
39
AD0/P0.0
22
20
V
SS
44
40
V
CC


Similar Part No. - TP80C251SP16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TP80C32 INTEL-TP80C32 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TP80C51FA INTEL-TP80C51FA Datasheet
200Kb / 13P
   EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
TP80C51FA ROCHESTER-TP80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
Intel Corporation
TP80C52 INTEL-TP80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TP80C54 INTEL-TP80C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - TP80C251SP16

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com