Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-513E-0K000 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HDSP-513E-0K000
Description  14.22 mm (0.56 inch) General Purpose Seven-Segment Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-513E-0K000 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HDSP-513E-0K000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-513E-0K000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-513E-0K000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-513E-0K000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-513E-0K000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-513E-0K000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-513E-0K000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-513E-0K000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-513E-0K000 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.agilent.com/semiconduc-
tors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152(Domestic/
International), or 0120-61-1280(Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Obsoletes 5980-2919EN
June 30, 2004
5988-2968EN


Similar Part No. - HDSP-513E-0K000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
More results

Similar Description - HDSP-513E-0K000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com