Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUS-61571-360Q Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BUS-61571-360Q
Description  MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BUS-61571-360Q Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BUS-61571-360Q Datasheet HTML 1Page - List of Unclassifed Manufacturers BUS-61571-360Q Datasheet HTML 2Page - List of Unclassifed Manufacturers BUS-61571-360Q Datasheet HTML 3Page - List of Unclassifed Manufacturers BUS-61571-360Q Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDC’s BUS-61559 series of Advanced
Integrated Mux Hybrids with enhanced
RT Features (AIM-HY’er) comprise a
complete interface between a micro-
processor and a MIL-STD-1553B
Notice 2 bus, implementing Bus
Controller (BC), Remote Terminal (RX,
and Monitor Terminal (MT) modes.
Packaged in a single 78-pin DIP or
82-pin flat package the BUS-61559
series contains dual low-power trans-
ceivers and encoder/decoders, com-
plete BC/RT/MT protocol logic, memory
management and interrupt logic, 8K x 16
of shared static RAM, and a direct,
buffered interface to a host processor bus.
The BUS-61559 includes a number of
advanced features in support of
MIL-STD-1553B Notice 2 and STANAG
3838. Other salient features of the
BUS-61559 serve to provide the bene-
fits of reduced board space require-
ments enhanced software flexibility,
and reduced host processor overhead
The BUS-61559 contains internal
address latches and bidirectional data
buffers to provide a direct interface to
a host processor bus. Alternatively,
the buffers may be operated in a fully
transparent mode in order to interface
to up to 64K words of external shared
RAM and/or connect directly to a com-
ponent set supporting the 20 MHz
STANAG-3910 bus.
The memory management scheme
for RT mode prevails an option for
separation of broadcast data, in com-
pliance with 1553B Notice 2. A circu-
lar buffer option for RT message data
blocks offloads the host processor for
bulk data transfer applications.
Another feature besides those listed
to the right, is a transmitter inhibit con-
trol for the individual bus channels.
The BUS-61559 series hybrids oper-
ate over the full military temperature
range of -55 to +125”C and MIL-PRF-
38534 processing is available. The
hybrids are ideal for demanding mili-
tary and industrial microprocessor-to-
1553 applications
MIL-STD-1553B NOTICE 2
ADVANCED INTEGRATED MUX HYBRIDS
WITH ENHANCED RT FEATURES (AIM-HY’er)
FEATURES
Complete Integrated 1553B
Notice 2 Interface Terminal
Functlonal Superset of BUS-
61553 AlM-HYSeries
Internal Address and Data
Buffers for Dlrect Interface to
Processor Bus
RT Subaddress Circular Buffers
to Support Bulk Data Transfers
Optlonal Separatlon of
RT Broadcast Data
Internal Interrupt Status and
Time Tag Registers
Internal ST Command
Illegalization
MIL-PRF-38534 Processing
Available
8
(ILLEGALIZATION
ENABLE)
ILLENA
BUS-25679
7
5
4
1
2
3
LOW-POWER
TRANSCEIVER
A
TX_INH_A
8
BUS-25679
7
5
4
1
2
3
LOW-POWER
TRANSCEIVER
A
TX_INH_A
(RT ADDRESS)
RTAD 4-
∅, RTADP
(BROADCAST
ENABLE)
BRO_ENA
RTFAIL
(RTFAIL,
RTFLAG)
RTFLAG
(BROADCAST,
MESSAGE
TIMING, DATA
STROBE AND ERROR
INDICATORS)
BCSTRCV, CMD_STR, TXDTA_STR
RXDTA_STR, MSG_ERR, INCMD
ILLEGALLIZATION
LOGIC
DUAL
ENCODER/
DECODER
BC/RT/MT
PROTOCOL
8K x 16
DUAL
PORT
RAM
MEMORY DATA
MEMORY ADDRESS
MEMORY
MANAGEMENT,
SHARED
RAM/
PROCESSOR
INTERFACE,
INTERRUPT
LOGIC
TAGCLK
SSFLAG
MEMENA-IN
MEMEN-OUT,MEMWR, MEMOE
INT
IOEN, READYD
TRANSPARENT/BUFFERED, MSTCLR,
STRBD, SELECT, MEM/REG, RD/WR
(TIME TAG
CLOCK)
(SUBSYSTEM
FLAG)
(MEMORY
CONTROL)
(INTERRUPT
REQUEST)
(PROCESSOR
CONTROL)
ADDRESS
LATCHES/
BUFFERS*
ADDR_LAT
A15-A
D15-D
DATA
BUFFERS*
CLK IN (16MHz)
(PROCESSOR
DATA)
(PROCESSOR
ADDRESS)
(ADDRESS
LATCH
CONTROL)
BU-61559 BLOCK DIAGRAM
DESCRIPTION
© 1990, 1999 Data Device Corporation
BUS-61559 SERIES


Similar Part No. - BUS-61571-360Q

ManufacturerPart #DatasheetDescription
logo
FCI connector
BUS-12-087 FCI-CONNECTOR-BUS-12-087 Datasheet
305Kb / 21P
   Ribcage??II Printed Wiring Board Connector System
BUS-12-114 FCI-CONNECTOR-BUS-12-114 Datasheet
130Kb / 8P
   Duplex Plated Bergstik짰 II Headers
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
BUS-8555 ETC1-BUS-8555 Datasheet
161Kb / 2P
   DATA BUS RECEIVER
BUS-8555-883B ETC1-BUS-8555-883B Datasheet
161Kb / 2P
   DATA BUS RECEIVER
More results

Similar Description - BUS-61571-360Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2553 AEROFLEX-CT2553 Datasheet
352Kb / 36P
   CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
Holt Integrated Circuit...
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-6110 HOLTIC-HI-6110 Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
logo
Aeroflex Circuit Techno...
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT25421111 AEROFLEX-CT25421111 Datasheet
315Kb / 17P
   CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com