Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1749 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD1749
Description  Silicon NPN triple diffusion planar type Darlington(For low-freauency power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1749 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1749 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1749 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SD1749, 2SD1749A
PC —Ta
IC —VCE
IC —VBE
VCE(sat) —IC
hFE —IC
Cob —VCB
Area of safe operation (ASO)
Rth(t) —t
0
160
40
120
80
140
20
100
60
0
20
15
5
10
(1) T
C=Ta
(2) Without heat sink
(P
C=1.3W)
(1)
(2)
Ambient temperature Ta (˚C)
010
8
26
4
0
10
8
6
4
2
I
B=4.0mA
T
C=25˚C
3.5mA
3.0mA
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
Collector to emitter voltage V
CE
(V)
03.2
0.8
2.4
1.6
0
10
8
6
4
2
V
CE=3V
T
C=100˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=250
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
10
102
103
104
105
V
CE=3V
25˚C
–25˚C
T
C=100˚C
Collector current I
C
(A)
0.1
1
10
100
0.3
3
30
1
3
10
30
100
300
1000
3000
10000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
t=10ms
300ms
1ms
Collector to emitter voltage V
CE
(V)
10–4
10
10–3
10–1
10–2
1103
102
104
10–1
1
10
102
103
(1) Without heat sink
(2) With a 50
× 50 × 2mm Al heat sink
(1)
(2)
Time t (s)


Similar Part No. - 2SD1749

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1740 ETC-2SD1740 Datasheet
120Kb / 3P
   TRIPLE DIFFUSED PLANAR TYPE HIGH POWER DARLINGTON
logo
Inchange Semiconductor ...
2SD1740 ISC-2SD1740 Datasheet
319Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1740 ISC-2SD1740_V01 Datasheet
319Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Panasonic Semiconductor
2SD1741 PANASONIC-2SD1741 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1741A PANASONIC-2SD1741A Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
More results

Similar Description - 2SD1749

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1249 PANASONIC-2SD1249 Datasheet
53Kb / 2P
   Silicon NPN triple diffusion planar type(For low-freauency power amplification)
2SD2255 PANASONIC-2SD2255 Datasheet
55Kb / 3P
   Silicon NPN triple diffusion planar type Darlington For power amplification
2SD1275 PANASONIC-2SD1275 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1276 PANASONIC-2SD1276 Datasheet
62Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2138 PANASONIC-2SD2138 Datasheet
61Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2250 PANASONIC-2SD2250 Datasheet
57Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2273 PANASONIC-2SD2273 Datasheet
56Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1260 PANASONIC-2SD1260 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1446 PANASONIC-2SD1446 Datasheet
63Kb / 2P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1895 PANASONIC-2SD1895 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type Darlington(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com