Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1747A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SD1747A
Description  Silicon NPN epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1747A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SD1747A Datasheet HTML 1Page - Panasonic Semiconductor 2SD1747A Datasheet HTML 2Page - Panasonic Semiconductor 2SD1747A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SD1747, 2SD1747A
ton, tstg, tf — IC
Area of safe operation (ASO)
Rth(t) —t
10–4
10
10–3
10–1
10–2
1103
102
104
10–1
1
10
102
103
(1) Without heat sink
(2) With a 50
× 50 × 2mm Al heat sink
(1)
(2)
Time t (s)
08
26
47
15
3
0.01
0.03
0.1
0.3
1
3
10
30
100
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=10 (IB1=–IB2)
V
CC=50V
T
C=25˚C
t
stg
t
f
t
on
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
t=10ms
1ms
300ms
Collector to emitter voltage V
CE
(V)


Similar Part No. - 2SD1747A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1740 ETC-2SD1740 Datasheet
120Kb / 3P
   TRIPLE DIFFUSED PLANAR TYPE HIGH POWER DARLINGTON
logo
Inchange Semiconductor ...
2SD1740 ISC-2SD1740 Datasheet
319Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1740 ISC-2SD1740_V01 Datasheet
319Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Panasonic Semiconductor
2SD1741 PANASONIC-2SD1741 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1741A PANASONIC-2SD1741A Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
More results

Similar Description - 2SD1747A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com