Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP-1410AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VP-1410AF
Description  Digital Voice Processor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VP-1410AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VP-1410AF Datasheet HTML 1Page - List of Unclassifed Manufacturers VP-1410AF Datasheet HTML 2Page - List of Unclassifed Manufacturers VP-1410AF Datasheet HTML 3Page - List of Unclassifed Manufacturers VP-1410AF Datasheet HTML 4Page - List of Unclassifed Manufacturers VP-1410AF Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VOICE
Eletech Electronics, Inc.
16019 Kaplan Avenue
Industry, CA 91744, U.S.A.
Tel: (626) 333-6394 Fax: (626) 333-6494
Eletech Enterprise Co., Ltd.
531-3F Chung-Cheng Road
Hsin Tien, Taipei Hsien, Taiwan
Tel:+8862-2218-0068Fax:+8862-2218-0254
http://www.eletech.com
FEATURES
n High quality voice & sound generation
n 10 messages with direct trigger pins
n Playback-only with external EPROM or ROM
n Stand-alone operation
n 128K x 8 direct memory addressing, expandable
n Single 5V DC supply voltage
GENERAL DESCRIPTIONS
The VP-1410A Digital Voice Processor is an advanced
CMOS LSI chip designed for multiple-message playback
applications. It can access up to 10 different messages of
variable length stored in external EPROM or ROM chips.
Message activation is simplified since each message has
its own trigger pin . If memory bank switching technique
is used, the number of messages supported can be easily
expanded to 20, 40 or more.
APPLICATIONS
n Multiple message playback
n Sound effects generator
n Low power consumption
n Internal RC oscillator or external clock
n Continuous Variable Slope Delta (CVSD) modulation
n Sampling rate from 24Kbps to 128 Kbps
n Message digitization with the VP-880 system
n 48-pin DIP (VP-1410A) or 48-pin QFP (VP-1410AF)
The VP-1410A is totally self-contained. It can access the
external memory all by itself without the help from any
microprocessor. Although the chip provides only 16
address lines, an external counter can be easily added to
extend the memory addressing to virtuely no limitation.
Therefore very long message length can be achieved
easily. Overall, the VP-1410A offers high voice quality
and flexible memory addressing that no other chips can.
n Digital message repeaters for consumer, industrial,
security and telecommunication products
VP-1410A
Digital Voice Processor
VP-1410A (DIP48) Pin Assignment
VP-1410AF (QFP48) Pin Assignment


Similar Part No. - VP-1410AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VP-1000A ETC1-VP-1000A Datasheet
832Kb / 6P
   Digital Voice Processor
VP-1000AF ETC1-VP-1000AF Datasheet
832Kb / 6P
   Digital Voice Processor
VP-1608F ETC1-VP-1608F Datasheet
966Kb / 7P
   Digital Voice Processor
More results

Similar Description - VP-1410AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VP-1608F ETC1-VP-1608F Datasheet
966Kb / 7P
   Digital Voice Processor
VP-1000A ETC1-VP-1000A Datasheet
832Kb / 6P
   Digital Voice Processor
logo
Zarlink Semiconductor I...
ZL38015 ZARLINK-ZL38015 Datasheet
133Kb / 3P
   Voice Processor
logo
SONiX Technology Compan...
SNC739 SONIX-SNC739 Datasheet
164Kb / 16P
   16-bit Voice Processor
SNC759 SONIX-SNC759 Datasheet
163Kb / 16P
   16-bit Voice Processor
logo
Texas Instruments
TWL1103TPBSQ1 TI-TWL1103TPBSQ1 Datasheet
404Kb / 10P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR
logo
SONiX Technology Compan...
SNC745 SONIX-SNC745_05 Datasheet
264Kb / 15P
   16-bit Voice Processor
logo
Nuvoton Technology Corp...
N571P032 NUVOTON-N571P032 Datasheet
649Kb / 19P
   32-BIT VOICE PROCESSOR
logo
SONiX Technology Compan...
SNC725 SONIX-SNC725 Datasheet
231Kb / 15P
   16-bit Voice Processor
SNC745 SONIX-SNC745 Datasheet
231Kb / 15P
   16-bit Voice Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com