Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8271HQ Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA8271HQ
Description  Max Power 41 W BTL X 4 ch Audio Power IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8271HQ Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA8271HQ Datasheet HTML 4Page - Toshiba Semiconductor TA8271HQ Datasheet HTML 5Page - Toshiba Semiconductor TA8271HQ Datasheet HTML 6Page - Toshiba Semiconductor TA8271HQ Datasheet HTML 7Page - Toshiba Semiconductor TA8271HQ Datasheet HTML 8Page - Toshiba Semiconductor TA8271HQ Datasheet HTML 9Page - Toshiba Semiconductor TA8271HQ Datasheet HTML 10Page - Toshiba Semiconductor TA8271HQ Datasheet HTML 11Page - Toshiba Semiconductor TA8271HQ Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TA8271HQ
2004-05-10
9
Signal source resistance
Rg
(Ω)
VNO – Rg
Frequency
f
(Hz)
R.R. – f
Frequency
f
(Hz)
C.T. – f (OUT1)
Frequency
f
(Hz)
C.T. – f (OUT2)
Frequency
f
(Hz)
C.T. – f (OUT3)
Frequency
f
(Hz)
C.T. – f (OUT4)
100
10
100 k
−70
0
1 k
−60
−30
10 k
−40
−20
−50
−10
VCC = 13.2 V
RL = 4 Ω
VOUT = 0dBm
Rg = 620 Ω
OUT1
→ OUT2, 3, 4
100
10
100 k
−70
0
1 k
−60
−30
10 k
−40
−20
−50
−10
OUT2
→ OUT1, 3, 4
VCC = 13.2 V
RL = 4 Ω
VOUT = 0dBm
Rg = 620 Ω
100
10
100 k
1 k
10 k
−70
0
−60
−30
−40
−20
−50
−10
OUT4
→ OUT1, 2, 3
VCC = 13.2 V
RL = 4 Ω
VOUT = 0dBm
Rg = 620 Ω
100
10
100 k
1 k
10 k
0
300
50
200
100
150
250
VCC = 13.2 V
RL = 4 Ω
BW
= 20 Hz~20 kHz
100
10
100 k
1 k
10 k
−70
0
−60
−30
−40
−20
−50
−10
VCC = 13.2 V
RL = 4 Ω
Rg = 620 Ω
Vrip = 0dBm
0
100
10
100 k
1 k
10 k
−70
−60
−30
−40
−20
−50
−10
OUT3
→ OUT1, 2, 4
VCC = 13.2 V
RL = 4 Ω
VOUT = 0dBm
Rg = 620 Ω


Similar Part No. - TA8271HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8271H TOSHIBA-TA8271H Datasheet
191Kb / 12P
   Max Power 41 W BTL X 4 ch Audio Power IC
More results

Similar Description - TA8271HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8264AHQ TOSHIBA-TA8264AHQ Datasheet
262Kb / 14P
   Max Power 41 W BTL x 4 ch Audio Power IC
TA8271H TOSHIBA-TA8271H Datasheet
191Kb / 12P
   Max Power 41 W BTL X 4 ch Audio Power IC
TA8275H TOSHIBA-TA8275H Datasheet
250Kb / 14P
   Max Power 41 W BTL x 4 ch Audio Power IC
TA8275HQ TOSHIBA-TA8275HQ Datasheet
326Kb / 16P
   Max Power 41 W BTL × 4 ch Audio Power IC
2006-04-28
TB2912HQ TOSHIBA-TB2912HQ Datasheet
586Kb / 40P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-04-28
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TA8272H TOSHIBA-TA8272H Datasheet
251Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8277H TOSHIBA-TA8277H Datasheet
235Kb / 12P
   MAX POWER 43 W BTL x 4 CH AUDIO POWER IC
TA8263BH TOSHIBA-TA8263BH Datasheet
255Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com