Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ1GEYJU Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJ1GEYJU
Description  Thick Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ1GEYJU Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJ1GEYJU Datasheet HTML 1Page - Panasonic Semiconductor ERJ1GEYJU Datasheet HTML 2Page - Panasonic Semiconductor ERJ1GEYJU Datasheet HTML 3Page - Panasonic Semiconductor ERJ1GEYJU Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
ERJ1G
0.60±0.03 0.30±0.03 0.12±0.05 0.15±0.05 0.25±0.05
0.15 g
(0201)
ERJ2G
1.00±0.05 0.50±0.05 0.20±0.10 0.25±0.05 0.35±0.05
0.8 g
(0402)
ERJ3G
1.60±0.15 0.80+0.15 0.30±0.20 0.30±0.15 0.45±0.10
2g
(0603)
Ð0.05
ERJ6G
2.00±0.20 1.25±0.10 0.40±0.20 0.40±0.20 0.60±0.10
4g
(0805)
ERJ8G
3.20+0.05 1.60+0.05 0.50±0.20 0.50±0.20 0.60±0.10
10 g
(1206)
ERJ14
3.20±0.20 2.50±0.20 0.50±0.20 0.50±0.20 0.60±0.10
16 g
(1210)
ERJ12
4.50±0.20 3.20±0.20 0.50±0.20 0.50±0.20 0.60±0.10
27 g
(1812)
ERJ12Z
5.00±0.20 2.50±0.20 0.60±0.20 0.60±0.20 0.60±0.10
27 g
(2010)
ERJ1T
6.40±0.20 3.20±0.20 0.65±0.20 0.60±0.20 0.60±0.10
45 g
(2512)
n Construction
n Dimensions in mm (not to scale)
Thick Film Chip Resistors
n Ratings
a
b
t
W
L
Ö
Type
(inches)
Power Rating
at 70 ¡C
(W)
Limiting Element
Voltage (Maximum
RCWV)(1) (V)
Maximum Overload
Voltage(2)
(V)
Resistance
Tolerance(%)
Standard
Resistance Values
min.
max.
Resistance Range (W)
T.C.R.
´10-6/¡C
(ppm/¡C)
Jumper
1G
2G á 3G
6Gá8Gá14á12á12Zá1T
Maximum Overload Current
1A
2A
4A
Rated Current
0.5 A
1 A
2 A
Dimensions (mm)
LW
a
b
t
Weight
(1000 pcs.)
Type
(inches)
Ð0.20
Ð0.15
ERJ1G
(0201)
ERJ2G
(0402)
ERJ3G
(0603)
ERJ6G
(0805)
ERJ8G
(1206)
ERJ14
(1210)
ERJ12, 12Z
(1812, 2010)
ERJ1T
(2512)
<10 W:
Ð100 to
+600
0.05
0.063
0.1
0.125
0.25
0.25
0.5
1
15
50
50
150
200
200
200
200
30
100
100
200
400
400
400
400
±5
±5
±5
±5
±5
±5
±5
±5
10
1
1
1
1
1
1
1
1 M
2.2 M
10 M
10 M
10 M
10 M
10 M
1 M
E24
E24
E24
E24
E24
E24
E24
E24
10 W to
1MW:
±200
1MW<:
Ð400 to
+150
Protective coating
High purity alumina
substrate
Termination (Inner)
Termination
(Between)
Resistive element
Termination (Outer)
Power Derating Curve
with the right figure.
Ð40 Ð20 0 20 40 60 80 100 120 140 160
0
180
Ð60
155 ¡C
70 ¡C
Ambient Temperature (¡C)
20
40
60
80
100
Ð55 ¡C
3G, 6G, 8G
1G,2G,14,12,12Z,1T
125 ¡C
(1) Rated Continuous Working Voltage (RCWV) should be determined from RCWV= Power Rating
´ Resistance Values, or Limiting Element Voltage
(max. RCWV) listed above, whichever is less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) should be determined from SOTV=2.5
´ Power Rating or max. Overload Voltage listed above
whichever is less.
For resistors operating in ambient temperature above
70 ¡C, power rating should be derated in accordance


Similar Part No. - ERJ1GEYJU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ1GEYJ102C PANASONIC-ERJ1GEYJ102C Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1GEYJ102U PANASONIC-ERJ1GEYJ102U Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1GEYJ102V PANASONIC-ERJ1GEYJ102V Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1GEYJ102X PANASONIC-ERJ1GEYJ102X Datasheet
252Kb / 5P
   Thick Film Chip Resistors
ERJ1GEYJ102Y PANASONIC-ERJ1GEYJ102Y Datasheet
252Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - ERJ1GEYJU

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com