Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62392 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M62392
Description  8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62392 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M62392 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62392 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62392 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62392 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62392 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62392 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62392 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
(
/ 7 )
MITSUBISHI ELECTRIC
1997-5-27C.rev
MITSUBISHI <Dig./Ana. INTERFACE>
M62392P,FP
8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
PRECAUTION FOR USE
M62392 have 5 terminals (VDD,VCC,VrefU1,VrefU2,VrefL) for input constant voltage at
use.
IF ripple or spike is input these terminals,accuracy of D-A conversion is down.
So,when use this device,please connect capacitor among each terminal to GND for
stable D-A conversion.
This IC's output amplifier has an advantage to capacitive load.So it's no problem at
device action when connect capacitor (0.1µF MAX) among output to GND for every
noise eliminate.
APPLICATION EXAMPLE
*Purchase of MITSUBISHI ELECTRIC CORPORATION'S I2C components conveys a license under the Philips I2C Patent Rights to
use these components an I2C system,provided that the system conforms to I2C Standard Specification as defined by Philips.
AO5
ch5
GND
VrefL
VDD
VCC
AO1
ch1
AO4
ch4
AO6
ch6
AO8
ch8
AO9
ch9
AO10
ch10
AO12
ch12
CHIP SELECT
DATA SETTING
10
µF
VrefU1
VrefU2
10
µF
10
µF
10
µF
10
µF
AO2
ch2
AO3
ch3
AO7
ch7
AO11
ch11
SDA
SCL
MCU
5V
5V
5V
5V
CS0
CS1
CS2
R
5V
ANALOG OUTPUT
TERMINALS
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable,
but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal
injury,fire or property damage.Remember to give due consideration to safety when making your circuit design,in order to
prevent fires from spreading,redundancy,malfunction or other mishap.
!
7
RESET SIGNAL


Similar Part No. - M62392

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62392FP RENESAS-M62392FP Datasheet
137Kb / 9P
   8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P Datasheet
137Kb / 9P
   8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
   8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
More results

Similar Description - M62392

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62392P RENESAS-M62392P_15 Datasheet
124Kb / 9P
   8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
M62392P RENESAS-M62392P Datasheet
137Kb / 9P
   8-bit 12ch I2C BUS D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com