Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP58 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100EP58
Description  3.3V / 5V ECL 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP58 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100EP58 Datasheet HTML 1Page - ON Semiconductor MC100EP58 Datasheet HTML 2Page - ON Semiconductor MC100EP58 Datasheet HTML 3Page - ON Semiconductor MC100EP58 Datasheet HTML 4Page - ON Semiconductor MC100EP58 Datasheet HTML 5Page - ON Semiconductor MC100EP58 Datasheet HTML 6Page - ON Semiconductor MC100EP58 Datasheet HTML 7Page - ON Semiconductor MC100EP58 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10EP58, MC100EP58
http://onsemi.com
4
100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 9.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
37
20
31
39
25
33
42
mA
VOH
Output HIGH Voltage (Note 10.)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 10.)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single Ended)
1355
1675
1355
1675
1355
1675
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
9. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to –2.2 V.
10. All loading with 50 ohms to VCC–2.0 volts.
100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 11.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
37
20
31
39
25
33
42
mA
VOH
Output HIGH Voltage (Note 12.)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 12.)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single Ended)
3055
3375
3055
3375
3055
3375
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
11. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to –0.5 V.
12. All loading with 50 ohms to VCC–2.0 volts.
100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = –5.5 V to –3.0 V (Note 13.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
37
20
31
39
25
33
42
mA
VOH
Output HIGH Voltage (Note 14.)
–1145
–1020
–895
–1145
–1020
–895
–1145
–1020
–895
mV
VOL
Output LOW Voltage (Note 14.)
–1945
–1820
–1695
–1945
–1820
–1695
–1945
–1820
–1695
mV
VIH
Input HIGH Voltage (Single Ended)
–1225
–880
–1225
–880
–1225
–880
mV
VIL
Input LOW Voltage (Single Ended)
–1945
–1625
–1945
–1625
–1945
–1625
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
13. Input and output parameters vary 1:1 with VCC.
14. All loading with 50 ohms to VCC–2.0 volts.


Similar Part No. - MC100EP58

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP58 ONSEMI-MC100EP58 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58D ONSEMI-MC100EP58D Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58D ONSEMI-MC100EP58D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP58DG ONSEMI-MC100EP58DG Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58DG ONSEMI-MC100EP58DG Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
More results

Similar Description - MC100EP58

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com