Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58X2464SFPIE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HN58X2464SFPIE
Description  Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2464SFPIE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HN58X2464SFPIE Datasheet HTML 4Page - Renesas Technology Corp HN58X2464SFPIE Datasheet HTML 5Page - Renesas Technology Corp HN58X2464SFPIE Datasheet HTML 6Page - Renesas Technology Corp HN58X2464SFPIE Datasheet HTML 7Page - Renesas Technology Corp HN58X2464SFPIE Datasheet HTML 8Page - Renesas Technology Corp HN58X2464SFPIE Datasheet HTML 9Page - Renesas Technology Corp HN58X2464SFPIE Datasheet HTML 10Page - Renesas Technology Corp HN58X2464SFPIE Datasheet HTML 11Page - Renesas Technology Corp HN58X2464SFPIE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
HN58X2432SI/HN58X2464SI
Rev.2.00, Jan.11.2005, page 8 of 20
Device Address (A0, A1, A2)
Eight devices can be wired for one common data bus line as maximum. Device address pins are used to
distinguish each device and device address pins should be connected to VCC or VSS. When device address
code provided from SDA pin matches corresponding hard-wired device address pins A0 to A2, that one
device can be activated. These pins are internally pulled-down to VSS. The device read these pins as Low
if unconnected.
Pin Connections for A0 to A2
Pin connection
Memory size
Max connect
number
A2
A1
A0
Notes
32k bit
8
×*
1
×*
1
×*
1
64k bit
8
×*
1
×*
1
×*
1
Notes: 1.
× = Don’t care (Open is also approval).
Write Protect (WP)
When the Write Protect pin (WP) is high, the write protection feature is enabled and operates as shown in
the following table. When the WP is low, write operation for all memory arrays are allowed. WP pin
should be fixed high or low status from start condition input to stop condition input. When left
unconnected, write operation for all memory arrays are allowed because the WP pin is internally pulled
down to VSS. The read operation is always activated irrespective of the WP pin status.
Write Protect Area
WP pin status
Write protect area
VIH
All memory
VIL
Normal read/write operation


Similar Part No. - HN58X2464SFPIE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2464SFPIE RENESAS-HN58X2464SFPIE Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2464SFPIE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
Renesas Technology Corp
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_11 Datasheet
154Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com