Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR2815TF Datasheet(PDF) 6 Page - International Rectifier

Part # ATR2815TF
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2815TF Datasheet(HTML) 6 Page - International Rectifier

  ATR2815TF Datasheet HTML 1Page - International Rectifier ATR2815TF Datasheet HTML 2Page - International Rectifier ATR2815TF Datasheet HTML 3Page - International Rectifier ATR2815TF Datasheet HTML 4Page - International Rectifier ATR2815TF Datasheet HTML 5Page - International Rectifier ATR2815TF Datasheet HTML 6Page - International Rectifier ATR2815TF Datasheet HTML 7Page - International Rectifier ATR2815TF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.irf.com
ATR28XXD Series
Connecting the inhibit input (Pin 2) to input common (Pin 10)
will cause the converter to shut down. It is recommended
that the inhibit pin be driven by an open collector device
capable of sinking at least 400µA of current. The open cir-
cuit voltage of the inhibit input is 11.5 ±1 VDC.
Assuming that there is no forced air flow, the package
temperature rise above ambient (
∆T) may be calculated
using the following expression:
where A = the effective surface area in square inhes(in-
cluding heat sink if used), P
d
= power dissipation in watts.
The total surface area of the ATR standard package is
7.34 square inches. If a worse case full load efficiency of
78% is assumed, then the case temperature rise can be
calculated as follows:
Hence, if T
AMBIENT
= +25
°C, the DC/DC converter case
temperature will be approximately 147
°C if no heat sink
or air flow is provided.
ATR28XXD Block Diagram
Application Information
Inhibit Function
Thermal Management
∆Τ = 80 A –0.7 P
d
0.85 (
°C)
(1)
W
Eff
P
P
OUT
d
5
8
1
78
1
30
1
1
.
=


=


=
and
∆Τ = 80 (7.34) –0.7 (8.5) 0.85 = 122°C
To calculate the heat sink area required to maintain a
specific case temperature rise, equation (1) may be
manipulated as follows:
PKG
d
HEATSINK
A
P
T
A
 ∆
=
− 43
1
85
0
80
.
.
As an example, if it is desired to limit the case tempera-
ture rise to a maximum of 50
°C above ambient, the
required effective heat sink area is:
2
43
1
85
0
1
19
34
7
5
8
80
50
in
A
HEATSINK
.
.
)
.
(
.
.
=
=
EMI Filter
An EMI filter (AFC461), available as an option, will reduce
the input ripple current to levels below the limits imposed by
MIL-STD-461B CEO3.
Whenever multiple DC/DC converters are utilized in a single
system, significant low frequency noise may be generated
due to slight difference in the switching frequencies of the
converters (beat frequency noise). Because of the low fre-
quency nature of this noise (typically less than 10KHz), it is
difficult to filter out and may interfere with proper operation
of sensitive systems (communications, radar or telemetry).
The Advanced Analog ATR28xx converters provide a syn-
chronizing input permitting synchronization of multiple con-
verters to the frequency of the users system clock, thereby
minimizing this type of noise.
Device Synchronization
3
4
+ V out
Retu rn
P u ls e W idth
M odulator
Prim ary
H ous ek ee pin g
Su pp ly
EM I
F ilte r
1
2
9
10
+In put
En ab le
S y nc
In p ut
Retu rn
FB
CS
Driv e
5
-V out
8
Cas e
E rro r
A m p &
R e f
Reg ulator


Similar Part No. - ATR2815TF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATR2815TF IRF-ATR2815TF Datasheet
132Kb / 6P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2815TF/CH IRF-ATR2815TF/CH Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2815TF/CH IRF-ATR2815TF/CH Datasheet
132Kb / 6P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATR2815TF/ES IRF-ATR2815TF/ES Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2815TF/ES IRF-ATR2815TF/ES Datasheet
132Kb / 6P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - ATR2815TF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com