Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV2G66AUSE Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV2G66AUSE
Description  2-channel Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2G66AUSE Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV2G66AUSE Datasheet HTML 4Page - Renesas Technology Corp HD74LV2G66AUSE Datasheet HTML 5Page - Renesas Technology Corp HD74LV2G66AUSE Datasheet HTML 6Page - Renesas Technology Corp HD74LV2G66AUSE Datasheet HTML 7Page - Renesas Technology Corp HD74LV2G66AUSE Datasheet HTML 8Page - Renesas Technology Corp HD74LV2G66AUSE Datasheet HTML 9Page - Renesas Technology Corp HD74LV2G66AUSE Datasheet HTML 10Page - Renesas Technology Corp HD74LV2G66AUSE Datasheet HTML 11Page - Renesas Technology Corp HD74LV2G66AUSE Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74LV2G66A
Rev.4.00, Sep.30.2003, page 9 of 11
VCC
VCC
GND
(ON)
V =V
CIH
VIN
VOUT
C =
15 or 50 pF
L
VOL
VOH
VCC
GND
tf
tr
90% 90%
50%
50%
50%
50%
tPLH
tPHL
10%
10%
VOUT
VIN
• t
,t
PLH
PHL
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, t
r ≤ 3 ns, tf ≤ 3 ns.
2. The output are measured one at a time with one transition per measurement.
VCC
VCC
VCC
GND
GND
Item
S1
S2
VC
VIN
tZH
R =
1 k
L
C =15 or
50 pF
L
VOH
VCC
GND
GND
tf
tr
90%
90%
50%
50%
50%
tZH
10%
10%
VOUT
V
–0.3 V
OH
V
+0.3 V
OL
VC
VCC
GND
tZL
VCC
GND
tHZ
VCC
GND
tLZ
S1
R =
1 k
L
S2
tHZ
50%
VOL
VCC
tZL
tLZ
VOUT
• t
, t
/ t
, t
ZH
ZL
HZ
LZ
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω, t
r ≤ 3 ns, tf ≤ 3 ns.
2. Waveform – A is for an output with internal conditions such that the output is low
except when disabled by the output control.
3. Waveform – B is for an output with internal conditions such that the output is high
except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74LV2G66AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G66A RENESAS-HD74LV2G66A Datasheet
123Kb / 14P
   2?밹hannel Analog Switch
HD74LV2G66A RENESAS-HD74LV2G66A_15 Datasheet
123Kb / 14P
   2?밹hannel Analog Switch
More results

Similar Description - HD74LV2G66AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G66 RENESAS-HD74ALVC2G66 Datasheet
85Kb / 14P
   2-channel Analog Switch
HD74LVC2G66 RENESAS-HD74LVC2G66 Datasheet
2Mb / 12P
   2-channel Analog Switch
HD74LV2GT66A RENESAS-HD74LV2GT66A Datasheet
95Kb / 10P
   2-channel Analog Switch
HD74ALVC2G66 RENESAS-HD74ALVC2G66_15 Datasheet
111Kb / 16P
   2-channel Analog Switch
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
AiT Semiconductor Inc.
A4705 AITSEMI-A4705 Datasheet
674Kb / 14P
   ANALOG SWITCH 0.65, 2-CH SPDT ANALOG SWITCH
REV1.0 - OCT 2021
logo
Renesas Technology Corp
HD74LV2G66A RENESAS-HD74LV2G66A_15 Datasheet
123Kb / 14P
   2?밹hannel Analog Switch
HD74LV2GT66A RENESAS-HD74LV2GT66A_15 Datasheet
118Kb / 12P
   2?밹hannel Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com