Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZD1521OA Datasheet(PDF) 2 Page - Integral Corp.

Part # IZD1521OA
Description  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZD1521OA Datasheet(HTML) 2 Page - Integral Corp.

  IZD1521OA Datasheet HTML 1Page - Integral Corp. IZD1521OA Datasheet HTML 2Page - Integral Corp. IZD1521OA Datasheet HTML 3Page - Integral Corp. IZD1521OA Datasheet HTML 4Page - Integral Corp. IZD1521OA Datasheet HTML 5Page - Integral Corp. IZD1521OA Datasheet HTML 6Page - Integral Corp. IZD1521OA Datasheet HTML 7Page - Integral Corp. IZD1521OA Datasheet HTML 8Page - Integral Corp. IZD1521OA Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IZD1520U
2
LINE-UP
Clock Frequency
Product
Name
On-chip
External
Applicable Driver
Number of
SEGMENT
Drivers
Number of
COMMON
Drivers
Duty
IZD1520OA
18kHz
18kHz
IZ1520OA , IZ1521OA
61
16
1/16, 1/32
IZD1521OA
-
18kHz
IZ1520OA
80
0
1/8 ~ 1/32
IZD1520AA
-
2kHz
IZ1520AA , IZ1521AA
61
16
1/16, 1/32
IZD1521AA
-
2kHz
IZ1520AA
80
0
1/8 ~ 1/32
BLOCK DIAGRAM IZ1520AA
Display data RAM
(2560-bit)
Display data latch circuit
Common counter
LCD drive circuit
Column address decoder
Column address counter
Column address register
Status
Command
decoder
Display
timing
generator
circuit
MPU interface
CL
FR
BLOCK DIAGRAM IZD1520OA


Similar Part No. - IZD1521OA

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZD1521OA INTEGRAL-IZD1521OA Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results

Similar Description - IZD1521OA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com