Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZD1521OA Datasheet(PDF) 4 Page - Integral Corp.

Part # IZD1521OA
Description  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZD1521OA Datasheet(HTML) 4 Page - Integral Corp.

  IZD1521OA Datasheet HTML 1Page - Integral Corp. IZD1521OA Datasheet HTML 2Page - Integral Corp. IZD1521OA Datasheet HTML 3Page - Integral Corp. IZD1521OA Datasheet HTML 4Page - Integral Corp. IZD1521OA Datasheet HTML 5Page - Integral Corp. IZD1521OA Datasheet HTML 6Page - Integral Corp. IZD1521OA Datasheet HTML 7Page - Integral Corp. IZD1521OA Datasheet HTML 8Page - Integral Corp. IZD1521OA Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IZD1520U
4
BLOCK DIAGRAM IZD1521AA, IZD1521OA
Display data RAM
(2560-bit)
Display data latch circuit
LCD drive circuit
Column address decoder
Column address counter
Column address register
Status
Command
decoder
Display
timing
generator
circuit
MPU interface
CL
FR
ELECTRICAL CHARACTERISTICS
(Ta = 25oC, VDD = 0V, VSS = -5.0V unless otherwise specified)


Similar Part No. - IZD1521OA

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZD1521OA INTEGRAL-IZD1521OA Datasheet
153Kb / 13P
   CMOS DOT MATRIX LCD DRIVER
More results

Similar Description - IZD1521OA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com