Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQPC405K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQPC405K
Description  5N Type Light Touch Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPC405K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQPC405K Datasheet HTML 1Page - Panasonic Semiconductor EVQPC405K Datasheet HTML 2Page - Panasonic Semiconductor EVQPC405K Datasheet HTML 3Page - Panasonic Semiconductor EVQPC405K Datasheet HTML 4Page - Panasonic Semiconductor EVQPC405K Datasheet HTML 5Page - Panasonic Semiconductor EVQPC405K Datasheet HTML 6Page - Panasonic Semiconductor EVQPC405K Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Light Touch Switches/5N Type
A
A'
B
B'
AB
Major Specifications
Type
Snap action/Push-on type SPST
Electrical
Circuit Diagram
Rating
20 mA 15 Vdc
Contact Resistance
50 m
max.
Insulation Resistance
50 m
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
3 ms max. (ON)
8 ms max. (OFF)
Mechanical
Operating Force
1.0 N±0.4 N
1.3 N±0.4 N
1.6 N±0.5 N
2.6 N±0.6 N
Travel
0.25 mm±0.10 mm
Endurance
Operating Life
100000 cycles min.
50000 cycles min.
Operating Temperature
–20 °C to +70 °C (45 % to 85 % RH)
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +40 °C (Taping)
Minimum Quantity/
Packing Unit
Top-push
Balk
500 pcs. (Vinyl Bag)
Taping
1000 pcs. (Radial Taping)
Side-operation
Balk
500 pcs. (Vinyl Bag)
Taping
700 pcs. (Radial Taping)
Quantity/Carton
Top-push
Balk
10000 pcs.
Taping
10000 pcs.
Side-operation
Balk
10000 pcs.
Taping
7000 pcs.
Top-push
Side-push
✽1 million cycles also available, consult our salesmen.
Aug. 2005


Similar Part No. - EVQPC405K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPC405K PANASONIC-EVQPC405K Datasheet
86Kb / 2P
   5N Type Side-operational 4R Light Touch Switches
More results

Similar Description - EVQPC405K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPA PANASONIC-EVQPA Datasheet
86Kb / 3P
   5N Type Light Touch Switches
EVQ-PAD04M PANASONIC-EVQ-PAD04M Datasheet
86Kb / 3P
   5N Type Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ2 PANASONIC-EVQ2_10 Datasheet
120Kb / 2P
   5N Type 2R Light Touch Switches
EVQ-PF206K PANASONIC-EVQ-PF206K Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQPF PANASONIC-EVQPF Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQ-PC105K PANASONIC-EVQ-PC105K Datasheet
86Kb / 2P
   5N Type Side-operational 4R Light Touch Switches
EVQPF003M PANASONIC-EVQPF003M_12 Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches Wealth of product types: Horizontal type
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com