Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQ21509K Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EVQ21509K
Description  5N Type Light Touch Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQ21509K Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EVQ21509K Datasheet HTML 1Page - Panasonic Semiconductor EVQ21509K Datasheet HTML 2Page - Panasonic Semiconductor EVQ21509K Datasheet HTML 3Page - Panasonic Semiconductor EVQ21509K Datasheet HTML 4Page - Panasonic Semiconductor EVQ21509K Datasheet HTML 5Page - Panasonic Semiconductor EVQ21509K Datasheet HTML 6Page - Panasonic Semiconductor EVQ21509K Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Light Touch Switches/5N Type
7.5
6.2
0.4
0.7
4.5
7.0
±0.5
k
3.5
0.3
0.5 max.
1.0
2.5
4.0
7.0
±0.1
4.5
±0.1
2-
f1.3
+0.1
0
2-
f1.0
+0.1
0
AB
Recommended
PWB piercing plan
(PWB thickness=1.6 mm)
View from mounting side
Circuit diagram
Dimensions in mm (not to scale)
Part Numbers
Operating Force
k =Push Plate Place
Push Plate Color
Operating Life
EVQPF003M
1.0 N
3.15 mm
White
100000 cycles
EVQPF004R
1.0 N
3.85 mm
Red
100000 cycles
EVQPF006K
1.0 N
5.85 mm
Black
100000 cycles
EVQPF008K
1.0 N
8.35 mm
Black
100000 cycles
EVQPF103M
1.3 N
3.15 mm
White
100000 cycles
EVQPF104R
1.3 N
3.85 mm
Red
100000 cycles
EVQPF106K
1.3 N
5.85 mm
Black
100000 cycles
EVQPF108K
1.3 N
8.35 mm
Black
100000 cycles
EVQPF203M
1.6 N
3.15 mm
White
100000 cycles
EVQPF204R
1.6 N
3.85 mm
Red
100000 cycles
EVQPF206K
1.6 N
5.85 mm
Black
100000 cycles
EVQPF208K
1.6 N
8.35 mm
Black
100000 cycles
EVQPF303M
2.6 N
3.15 mm
White
50000 cycles
EVQPF304R
2.6 N
3.85 mm
Red
50000 cycles
EVQPF306K
2.6 N
5.85 mm
Black
50000 cycles
EVQPF308K
2.6 N
8.35 mm
Black
50000 cycles
Japan
EVQPF
(Bulk)
Side-operation
Without ground terminal
No. 3
Aug. 2005


Similar Part No. - EVQ21509K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ21509K PANASONIC-EVQ21509K Datasheet
120Kb / 2P
   5N Type 2R Light Touch Switches
More results

Similar Description - EVQ21509K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPA PANASONIC-EVQPA Datasheet
86Kb / 3P
   5N Type Light Touch Switches
EVQ-PAD04M PANASONIC-EVQ-PAD04M Datasheet
86Kb / 3P
   5N Type Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ2 PANASONIC-EVQ2_10 Datasheet
120Kb / 2P
   5N Type 2R Light Touch Switches
EVQ-PF206K PANASONIC-EVQ-PF206K Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQPF PANASONIC-EVQPF Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQ-PC105K PANASONIC-EVQ-PC105K Datasheet
86Kb / 2P
   5N Type Side-operational 4R Light Touch Switches
EVQPF003M PANASONIC-EVQPF003M_12 Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches Wealth of product types: Horizontal type
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com