Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5211A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5211A
Description  Low Voltage Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5211A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5211A Datasheet HTML 1Page - ON Semiconductor NCP5211A Datasheet HTML 2Page - ON Semiconductor NCP5211A Datasheet HTML 3Page - ON Semiconductor NCP5211A Datasheet HTML 4Page - ON Semiconductor NCP5211A Datasheet HTML 5Page - ON Semiconductor NCP5211A Datasheet HTML 6Page - ON Semiconductor NCP5211A Datasheet HTML 7Page - ON Semiconductor NCP5211A Datasheet HTML 8Page - ON Semiconductor NCP5211A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP5211A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (−40
°C < TA < 85°C; −40°C < TJ < 125°C; 4.5 V < VCC, VC < 14 V;
7.0 V < BST < 20 V; CGATE(H) = CGATE(L) = 3.3 nF; ROSC = 51 k; CCOMP = 0.1 µF, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
GATE(H) and GATE(L)
High Voltage (AC)
GATE(L),
GATE(H)
0.5 nF < CGATE(H) = CGATE(L) < 10 nF
VC − 0.5
BST − 0.5
V
Low Voltage (AC)
GATE(L) or GATE(H)
0.5 nF < CGATE(H); CGATE(L) < 10 nF
0.5
V
Rise Time
VC = BST = 10 V, Measure:
1.0 V < GATE(L) < 9.0 V,
1.0 V < GATE(H) < 9.0 V
40
80
ns
Fall Time
VC = BST = 10 V, Measure:
1.0 V < GATE(L) < 9.0 V,
1.0 V < GATE(H) < 9.0 V
40
80
ns
GATE(H) to GATE(L) Delay
GATE(H) < 2.0 V, GATE(L) > 2.0 V
40
70
110
ns
GATE(L) to GATE(H) Delay
GATE(L) < 2.0 V, GATE(H) > 2.0 V
40
70
110
ns
GATE(H)/(L) Pull−Down
Resistance to PGND
20
50
115
k
Overcurrent Protection
Current Limit Threshold
0 V < IS+ < 4.5 V, 0 V < IS− < 4.5 V
54
60
66
mV
IS+ Bias Current
0 V < IS+ < 4.5 V
−1.0
0.1
1.0
µA
IS− Bias Current
0 V < IS− < 4.5 V
−1.0
0.1
1.0
µA
PWM Comparator
Transient Response
COMP = 0 − 1.5 V, VFFB, 20 mV overdrive
100
200
ns
PWM Comparator Offset
VFB = VFFB = 0 V; Increase COMP until
GATE(H) starts switching
0.425
0.475
0.525
V
Artificial Ramp
Duty Cycle = 70% (Note 3)
30
55
80
mV
VFFB Bias Current
VFFB = 0 V
0.1
1.0
µA
VFFB Max Input
(Note 3)
1.1
V
Minimum Pulse Width
200
ns
Oscillator
Switching Frequency
ROSC = 51 k
270
300
330
kHz
ROSC Voltage
1.21
1.25
1.29
V
Max Duty Cycle
VCOMP > VFFB + 1.0 V
65
70
75
%
General Electrical Specifications
VCC Supply Current
COMP = 0 V (no switching)
7.0
8.3
mA
BST Supply Current
COMP = 0 V (no switching)
2.0
3.0
mA
VC Supply Current
COMP = 0 V (no switching)
2.0
3.0
mA
Start Threshold
GATE(H) Switching, COMP Charging
4.03
4.18
4.33
V
Stop Threshold
GATE(H) Not Switching, COMP Not Charging
3.89
4.04
4.19
V
Hysteresis
Start−Stop
100
140
180
mV
Sense Ground Current
0.15
1.00
mA
3. Guaranteed by design. Not tested in production.


Similar Part No. - NCP5211A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5211 ONSEMI-NCP5211 Datasheet
124Kb / 13P
   Low Voltage Synchronous Buck Controller
April, 2006 ??Rev. 0
NCP5211BDR2G ONSEMI-NCP5211BDR2G Datasheet
124Kb / 13P
   Low Voltage Synchronous Buck Controller
April, 2006 ??Rev. 0
NCP5211DR2G ONSEMI-NCP5211DR2G Datasheet
124Kb / 13P
   Low Voltage Synchronous Buck Controller
April, 2006 ??Rev. 0
More results

Similar Description - NCP5211A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com