Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1423 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD1423
Description  Silicon NPN epitaxial planer type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1423 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1423 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1423 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD1423, 2SD1423A
Silicon NPN epitaxial planer type
For low-frequency amplification
Complementary to 2SB1030 and 2SB1030A
s Features
q
Optimum for high-density mounting.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
EIAJ:SC–72
3:Base
New S Type Package
4.0
±0.2
marking
2.54
±0.15
1.27
1.27
123
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
30
60
25
50
7
1
0.5
300
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
2SD1423
2SD1423A
2SD1423
2SD1423A
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
fT
Cob
Conditions
VCB = 20V, IE = 0
VCE = 20V, IB = 0
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 150mA
*2
VCE = 10V, IC = 500mA
*2
IC = 300mA, IB = 30mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
min
30
60
25
50
7
85
40
typ
200
6
max
0.1
1
340
0.6
15
Unit
µA
µA
V
V
V
V
MHz
pF
*1h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340
*2 Pulse measurement
2SD1423
2SD1423A
2SD1423
2SD1423A


Similar Part No. - 2SD1423

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1420 HITACHI-2SD1420 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD1420 RENESAS-2SD1420 Datasheet
153Kb / 8P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1420 KEXIN-2SD1420 Datasheet
51Kb / 1P
   NPN Silicon epitaxial Transistor
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SD1421 RENESAS-2SD1421 Datasheet
190Kb / 6P
   Silicon NPN Epitaxial
More results

Similar Description - 2SD1423

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820 PANASONIC-2SD1820 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com