Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-200-CFF Datasheet(PDF) 1 Page - Vectron International, Inc

Part # FX-200-CFF
Description  Frequency Translation Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-200-CFF Datasheet(HTML) 1 Page - Vectron International, Inc

  FX-200-CFF Datasheet HTML 1Page - Vectron International, Inc FX-200-CFF Datasheet HTML 2Page - Vectron International, Inc FX-200-CFF Datasheet HTML 3Page - Vectron International, Inc FX-200-CFF Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
88
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
FX-200
Description:
The FX-200 is a dual output frequency translator which is used to translate
one of two different input frequencies greater than 1 MHz to one of two dif-
ferent output frequencies between 77.76 MHz and 777.6 MHz. All the major
FEC rates are supported such as 15/14ths and 255/237. This unit can also
support switching from 10.0 G to 10.3125 G, or even OC-n to 10 GigE.
Applications:
• SONET/SDH
• DWDM
• FEC (Forward Error Correction)
Output Frequencies
77.76
777.6
MHz
Supply Voltage,
C = 5.0 Vdc
Vcc
4.75
5.00
5.25
Vdc
D = 3.3 Vdc
Vcc
3.15
3.30
3.45
Vdc
Supply Current
5.0 Vdc
Icc
80
125
mA
3.3 Vdc
Icc
75
120
mA
Input Signal,
Comp PECL
CLKIN
PECL
---
OUTPUT,
F = Comp PECL
---
---
PECL
---
---
VOH
(Temp Range C = 0°C to +70°C)
VOH
Vcc-1.025
Vcc-0.880
V
VOL
(Temp Range C = 0°C to +70°C)
VOL
Vcc-1.810
Vcc-1.620
V
VOH
(Temp Range F = -40°C to +85°C)
VOH
Vcc-1.085
Vcc-0.880
V
VOL
(Temp Range F = -40°C to +85°C)
VOL
Vcc-1.830
Vcc-1.555
V
Rise/Fall Time (20% to 80% @ 622.08 MHz)
tR/tF
250
400
ps
Output Symmetry (Duty Cycle)
Sym
45
49/51
55
%
Jitter Generation, rms (12kHz to 20 MHz)
0.23
1
ps
Jitter Generation, rms (cycle to cycle method)
35
ps
Jitter Transfer, GR-253-CORE sec 5.6.2.1.2
0.1
dB
Input Frequency Tracking Capability
(Can translate Stratum 1,2,3,3E,4 or SONET Min. source)
APR
±40
ppm
Operating Temperature
Temp Range C =
0°C to +70°C
Temp Range F = -40°C to +85°C
Package Size
30.48 x 25.4 x 6.35 mm (1.2” x 1.0 x 0.25”)
Performance Characteristics
Typical Application
All components outside the dotted line box are user supplied components. This is just one possible
configuration of the FX-200. For additional information about your specific needs, please contact our factory.
Loop Filter
Disable
Lock Detect
FX-200
Phase Freq
Detector
PECL
VCSO 1
VCXO Monitor
Frequency
Divider
Microprocessor
Frequency
Divider
Input
Frequency
Output
Select
Q
Q
Q
Q
PECL
VCSO 2
Input
Select
A) 155.52 MHz
B) 166.6286 MHz
1) 622.08 MHz
2) 666.5143 MHz
Input Signal
Output Signal
Input
Select!
0
0
1
1
Output
Select!
0
1
0
1
Description of Action!
A to 1 :Translates 155.5200 MHz to 622.0800 MHz
A to 2 :Translates 155.5200 MHz to 666.5143 MHz!
B to 1 :Translates 166.6286 MHz to 622.08 MHz!
B to 2 :Translates 166.6286 MHz to 666.5143 MHz!
Parameter
Symbol
Min.
Typical
Max
Unit
Frequency Translation Products
PRELIMINAR
Y - AV
AILABLE
Q3
8798_AA's Vectron
05/30/02
3:12 PM
Page 88


Similar Part No. - FX-200-CFF

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
FX-207 CML-FX-207 Datasheet
1Mb / 8P
   SELECTIVE SIGNALLING DEVICES 07 SERIES
logo
CML Microcircuits
FX-207 CMLMICRO-FX-207 Datasheet
1Mb / 8P
   SELECTIVE SIGNALLING DEVICES
More results

Similar Description - FX-200-CFF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFXTAL003237 ETC2-LFXTAL003237 Datasheet
700Kb / 3P
   IQD Frequency Products
logo
NIHON DEMPA KOGYO
NW50M50LA NDK-NW50M50LA Datasheet
87Kb / 1P
   Frequency Timing and Translation Modules
logo
Integrated Circuit Syst...
M2040 ICST-M2040 Datasheet
192Kb / 12P
   FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
logo
List of Unclassifed Man...
LFXTAL002997BULK ETC2-LFXTAL002997BULK Datasheet
123Kb / 1P
   IQD Frequency Products Incorporating IQD FOQ GmbH
logo
NIHON DEMPA KOGYO
NW19M12WA NDK-NW19M12WA Datasheet
88Kb / 1P
   Frequency Timing and Translation Modules Frequency Controlled Crystal Oscillator (FCXO) Clock Generator Modules
logo
KODENSHI_AUK CORP.
ST302 KODENSHI-ST302 Datasheet
296Kb / 2P
   Photo translation
logo
Silicon Laboratories
SI5315 SILABS-SI5315 Datasheet
416Kb / 54P
   Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
RX5500 MURATA-RX5500 Datasheet
226Kb / 9P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com