Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVD145 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVD145
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVD145 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVD145 Datasheet HTML 1Page - Renesas Technology Corp HVD145 Datasheet HTML 2Page - Renesas Technology Corp HVD145 Datasheet HTML 3Page - Renesas Technology Corp HVD145 Datasheet HTML 4Page - Renesas Technology Corp HVD145 Datasheet HTML 5Page - Renesas Technology Corp HVD145 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HVD145
Rev.2.00, Dec 07, 2004, page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Reverse voltage
VR
60
V
Forward current
IF
50
mA
Power dissipation
Pd
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
IR
100
nA
VR = 60 V
Forward voltage
VF
0.9
V
IF = 2 mA
Capacitance
C
0.45
pF
VR = 1 V, f = 1 MHz
Forward resistance
rf
1.8
IF = 10 mA, f = 100 MHz
ESD-Capability *
1
100
V
C = 200 pF, R = 0
Ω, Both forward
and reverse direction 1 pulse.
Notes
: 1. Failure criterion ; I
R > 100 nA at VR = 60 V
2. Please do not use the soldering iron due to avoid high stress to the SFP package.


Similar Part No. - HVD145

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
HVD145 KEXIN-HVD145 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Pin Diode
More results

Similar Description - HVD145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD131 RENESAS-HVD131 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KN RENESAS-RKP200KN Datasheet
157Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KJ RENESAS-RKP301KJ Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC133A RENESAS-HVC133A Datasheet
159Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVD142 HITACHI-HVD142 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Renesas Technology Corp
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC132 RENESAS-HVC132 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com