Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS1002 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IS1002
Description  Bluetooth Baseband Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IS1002 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IS1002 Datasheet HTML 5Page - List of Unclassifed Manufacturers IS1002 Datasheet HTML 6Page - List of Unclassifed Manufacturers IS1002 Datasheet HTML 7Page - List of Unclassifed Manufacturers IS1002 Datasheet HTML 8Page - List of Unclassifed Manufacturers IS1002 Datasheet HTML 9Page - List of Unclassifed Manufacturers IS1002 Datasheet HTML 10Page - List of Unclassifed Manufacturers IS1002 Datasheet HTML 11Page - List of Unclassifed Manufacturers IS1002 Datasheet HTML 12Page - List of Unclassifed Manufacturers IS1002 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Preliminary Datasheet
Released date: July 2004
Revision 0.9
page 10
創傑科技股份有限公司
IS1002
Integrated System Solution Corp.
Bluetooth Baseband Controller
7.8
HCI Control Logic for USB/UART:
A hardwired control logic is presented in front of the USB and UART devices for HCI
protocol handling and packet buffering. This control logic is part of the HCI controller
defined in Bluetooth specification. This logic is partially responsible for the HCI protocol
handling to/from the host and it also maps the registers of the USB and UART devices
indirectly to the 8051 such that the system can receive or send a HCI packet to/from the
respective host interface. Major functions of this logic include:
• HCI packet formatter and de-formatter (identifying the packet type)
• Frame boundary determination, segmentation and reassembly of HCI packets.
• HCI packet transmission, receiving, and buffering (using common memory HCI
buffer).
• Independent receive / transmit channels
• Universal device interface
7.9
Embedded UART:
An embedded UART (Universal Asynchronous Receiver Transmitter) is included in this
design. In order to reduce gate count, only the functions required for the HCI logic are
included. These include the following:
• Full-Duplex operation
• Programmable BAUD rate (using 16-bit input clock divider to obtain Baud Rate x16
clock base)
• 7 or 8 Data bits
• 1 or 2 Stop bits
• Even / Odd / Mark / Space / None Parity configurations
• Break Generation / Detection
• Maskable individual interrupts to CPU and combined Error interrupt to HCI
• Selectable Direct CPU interface or interface to HCI module
7.10 Voice CODEC
On the Bluetooth Specification, either a 64 kb/s log PCM format (A-Law or
µ-Law) is used,
or a CVSD (Continuous Variable Slope Delta Modulation) is used. ISSC IS1090 supports
all coding schemes with conversion capabilities. In addition, the ISSC IS1090 Audio
handling section also supports simultaneous 3-SCO channel operation.
An external
Codec must be added to perform the A/D and D/A functions.


Similar Part No. - IS1002

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
IS100 SILICOM-IS100 Datasheet
519Kb / 10P
   Silicom 100G Intelligent Bypass Switch
logo
List of Unclassifed Man...
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
logo
Silicom Ltd.
IS100G-Q-48 SILICOM-IS100G-Q-48 Datasheet
519Kb / 10P
   Silicom 100G Intelligent Bypass Switch
IS100G-Q-US SILICOM-IS100G-Q-US Datasheet
519Kb / 10P
   Silicom 100G Intelligent Bypass Switch
IS100M100G4BP-CLR4 SILICOM-IS100M100G4BP-CLR4 Datasheet
519Kb / 10P
   Silicom 100G Intelligent Bypass Switch
More results

Similar Description - IS1002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
   Bluetooth Baseband Controller IC
ML70Q5111LA OKI-ML70Q5111LA Datasheet
157Kb / 26P
   Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
   Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
   Bluetooth Baseband Controller IC
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
   BLUETOOTH BASEBAND
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
   BLUETOOTH BASEBAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com