Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA09CC0FP Datasheet(PDF) 5 Page - Rohm

Part # BA09CC0FP
Description  1A Low Dropout Voltage Regulator (Adjustable Voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA09CC0FP Datasheet(HTML) 5 Page - Rohm

  BA09CC0FP Datasheet HTML 1Page - Rohm BA09CC0FP Datasheet HTML 2Page - Rohm BA09CC0FP Datasheet HTML 3Page - Rohm BA09CC0FP Datasheet HTML 4Page - Rohm BA09CC0FP Datasheet HTML 5Page - Rohm BA09CC0FP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - BA09CC0FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA09CC0FP-E2 ROHM-BA09CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA09CC0FP-E2 ROHM-BA09CC0FP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA09CC0FP-E2 ROHM-BA09CC0FP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Similar Description - BA09CC0FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXCC0T ROHM-BAXXCC0T Datasheet
366Kb / 6P
   1A Low Dropout Voltage Regulator (Adjustable Voltage)
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com