Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA07CC0WFP Datasheet(PDF) 5 Page - Rohm

Part # BA07CC0WFP
Description  1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA07CC0WFP Datasheet(HTML) 5 Page - Rohm

  BA07CC0WFP Datasheet HTML 1Page - Rohm BA07CC0WFP Datasheet HTML 2Page - Rohm BA07CC0WFP Datasheet HTML 3Page - Rohm BA07CC0WFP Datasheet HTML 4Page - Rohm BA07CC0WFP Datasheet HTML 5Page - Rohm BA07CC0WFP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - BA07CC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA07CC0WFP ROHM-BA07CC0WFP Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BA07CC0WFP-E2 ROHM-BA07CC0WFP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA07CC0WFP-E2 ROHM-BA07CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA07CC0WFP-E2 ROHM-BA07CC0WFP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Similar Description - BA07CC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00CC0WT ROHM-BA00CC0WT Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WT-V5 ROHM-BA00CC0WT-V5 Datasheet
359Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BAXXCC0WT ROHM-BAXXCC0WT Datasheet
261Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BAXXCC0WT-V5 ROHM-BAXXCC0WT-V5 Datasheet
373Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WCP-V5 ROHM-BA00CC0WCP-V5 Datasheet
362Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch(Adustable Voltage)
BA00BC0WFP ROHM-BA00BC0WFP Datasheet
343Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch (Adjustable)
BA00BC0WT-V5 ROHM-BA00BC0WT-V5 Datasheet
348Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch (Adjustable)
BAXXBC0WFP ROHM-BAXXBC0WFP Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0WT-V5 ROHM-BAXXBC0WT-V5 Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com