Electronic Components Datasheet Search
Selected language
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Part Name
Included
start with
end
match
Description
BA30BC0FP Datasheet(PDF) 1 Page - Rohm
Part No.
BA30BC0FP
Description
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
Download
6 Pages
Scroll/Zoom
100%
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com
Logo
1 page
Html Pages
1
2
3
4
5
6
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
BA00BC0WFP
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
Adjustable
1
2
3
4
5
More
Rohm
BA00BC0WT-V5
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
Adjustable
1
2
3
4
5
More
Rohm
BAXXBC0T
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BAXXBC0WFP
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BAXXBC0WT
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BAXXBC0WT-V5
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BA00JC5WT
1.5A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BA00JC5WT-V5
1.5A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BA00CC0WFP
1A
Low
Dropout
Voltage
Regulator
with
Shut
Down
Switch
Adjustable
Voltage
1
2
3
4
5
More
Rohm
BA00CC0WT-V5
1A
Low
Dropout
Voltage
Regulator
with
Shut
Down
Switch
Adjustable
Voltage
1
2
3
4
5
More
Rohm
Link URL
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2017
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl