Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2541RHBT Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC2541RHBT
Description  HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2541RHBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC2541RHBT Datasheet HTML 5Page - Texas Instruments UCC2541RHBT Datasheet HTML 6Page - Texas Instruments UCC2541RHBT Datasheet HTML 7Page - Texas Instruments UCC2541RHBT Datasheet HTML 8Page - Texas Instruments UCC2541RHBT Datasheet HTML 9Page - Texas Instruments UCC2541RHBT Datasheet HTML 10Page - Texas Instruments UCC2541RHBT Datasheet HTML 11Page - Texas Instruments UCC2541RHBT Datasheet HTML 12Page - Texas Instruments UCC2541RHBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
UCC2541
SLUS621A − AUGUST 2004 − SEPTEMBER 2005
9
www.ti.com
APPLICATION INFORMATION
The UCC2541 is a high-efficiency synchronous buck controller that can be used in many point-of-load
applications.
CEA− and VEA− pins: Current Limit and Hiccup Mode
Typical power supply load voltage versus load current is shown in Figure 2. This figure shows steady state
operation for no-load to overcurrent shutdown (soft-start retry is not depicted in the diagram). During the voltage
regulation conditions, the voltage error amplifier output is lower than the current error amplifier, allowing the
voltage error amplifier to control operation. During the current limit conditions, the current error amplifier output
is lower than the voltage error amplifier, allowing the current error amplifier to control operation. The boundary
between voltage and current control occurs when the difference between CEA− and VEA− tries to exceed
50 mV.
Current limiting begins to occur when the difference between CEA− and VEA− exceeds 50 mV. For currents
that exceed this operating condition, the UCC2541 controls the converter to operate as a pure current source
until the output voltage falls to half of its rated steady state level. Then the UCC2541 sets both G1 and G2 outputs
to LOW and it latches a fault that discharges the soft-start voltage at 30% of its charging rate. The UCC2541
inhibits a retry until the soft-start voltage falls below 0.5 V. A functional diagram of the voltage and current error
amplifiers is shown in Figure 3.
UDG−04053
Shutdown
Limited
Current
ILOAD − Load Current − A
VREG
Figure 2. Typical Power Supply Load Voltage vs Current


Similar Part No. - UCC2541RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541RHBT TI1-UCC2541RHBT Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541RHBTG4 TI1-UCC2541RHBTG4 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2541RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com