Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M20G1002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M20G1002
Description  Multilayer Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M20G1002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M20G1002 Datasheet HTML 1Page - List of Unclassifed Manufacturers M20G1002 Datasheet HTML 2Page - List of Unclassifed Manufacturers M20G1002 Datasheet HTML 3Page - List of Unclassifed Manufacturers M20G1002 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
157
Mallory Products for CDE/6325 Digital Way/Indianapolis IN 46278/Phone: (317)275-2285/Fax: (317)275-2293/www.cornell-dubilier.com
GENERAL
GENERAL
GENERAL
GENERAL
GENERAL
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Voltage Range:
50, 100, 200 VDC
Capacitance Range:
1 pF to 6.8
F
Temperature Coefficients:
COG(NPO), X7R, Z5U
M15 to M50 Series
Multilayer Ceramic Capacitors
{ Radial Leaded
Conformally Coated
{ Encapsulation consists of a
moisture and shock resistant
coating that meets UL94V-0
{ Over 300 CV values available
{ Applications :
Filtering, Bypass, Coupling
{ IECQ Approved to:
QC300601/US0002 - NPO
QC300701/US0002 - X7R
QC300701/US0004 - Z5U
{ Available in 1-1/4" Lead length
As a Non Standard Item
Available in Tape and Reel
configuration:
Add 'TR' to end of catalog
number.
COG (NPO) Temperature Coefficient
200 VOLTS
Capacity
Size
(Inches)
L
H
T
S
Catalog
Number
Capacity
Size
(Inches)
L
H
T
S
Catalog
Number
Capacity
Size
(Inches)
L
H
T
S
Catalog
Number
1.0 pF
.150
.210
.100
.100
M15G109D2
1.0 pF
.200
.260
.125
.100
M20G109D2
1.0 pF
.200
.260
.125
.200
M22G109D2
1.5 pF
.150
.210
.100
.100
M15G159D2
1.5 pF
.200
.260
.125
.100
M20G159D2
1.5 pF
.200
.260
.125
.200
M22G159D2
2.2 pF
.150
.210
.100
.100
M15G229D2
2.2 pF
.200
.260
.125
.100
M20G229D2
2.2 pF
.200
.260
.125
.200
M22G229D2
2.7 pF
.150
.210
.100
.100
M15G279D2
2.7 pF
.200
.260
.125
.100
M20G279D2
2.7 pF
.200
.260
.125
.200
M22G279D2
3.3 pF
.150
.210
.100
.100
M15G339D2
3.3 pF
.200
.260
.125
.100
M20G339D2
3.3 pF
.200
.260
.125
.200
M22G339D2
3.9 pF
.150
.210
.100
.100
M15G399D2
3.9 pF
.200
.260
.125
.100
M20G399D2
3.9 pF
.200
.260
.125
.200
M22G399D2
4.7 pF
.150
.210
.100
.100
M15G479D2
4.7 pF
.200
.260
.125
.100
M20G479D2
4.7 pF
.200
.260
.125
.200
M22G479D2
5.6 pF
.150
.210
.100
.100
M15G569D2
5.6 pF
.200
.260
.125
.100
M20G569D2
5.6 pF
.200
.260
.125
.200
M22G569D2
6.8 pF
.150
.210
.100
.100
M15G689D2
6.8 pF
.200
.260
.125
.100
M20G689D2
6.8 pF
.200
.260
.125
.200
M22G689D2
8.2 pF
.150
.210
.100
.100
M15G829D2
8.2 pF
.200
.260
.125
.100
M20G829D2
8.2 pF
.200
.260
.125
.200
M22G829D2
10 pF
.150
.210
.100
.100
M15G100*2
10 pF
.200
.260
.125
.100
M20G100*2
10 pF
.200
.260
.125
.200
M22G100*2
12 pF
.150
.210
.100
.100
M15G120*2
12 pF
.200
.260
.125
.100
M20G120*2
12 pF
.200
.260
.125
.200
M22G120*2
15 pF
.150
.210
.100
.100
M15G150*2
15 pF
.200
.260
.125
.100
M20G150*2
15 pF
.200
.260
.125
.200
M22G150*2
18 pF
.150
.210
.100
.100
M15G180*2
18 pF
.200
.260
.125
.100
M20G180*2
18 pF
.200
.260
.125
.200
M22G180*2
22 pF
.150
.210
.100
.100
M15G220*2
22 pF
.200
.260
.125
.100
M20G220*2
22 pF
.200
.260
.125
.200
M22G220*2
27 pF
.150
.210
.100
.100
M15G270*2
27 pF
.200
.260
.125
.100
M20G270*2
27 pF
.200
.260
.125
.200
M22G270*2
33 pF
.150
.210
.100
.100
M15G330*2
33 pF
.200
.260
.125
.100
M20G330*2
33 pF
.200
.260
.125
.200
M22G330*2
39 pF
.150
.210
.100
.100
M15G390*2
39 pF
.200
.260
.125
.100
M20G390*2
39 pF
.200
.260
.125
.200
M22G390*2
47 pF
.150
.210
.100
.100
M15G470*2
47 pF
.200
.260
.125
.100
M20G470*2
47 pF
.200
.260
.125
.200
M22G470*2
56 pF
.150
.210
.100
.100
M15G560*2
56 pF
.200
.260
.125
.100
M20G560*2
56 pF
.200
.260
.125
.200
M22G560*2
68 pF
.150
.210
.100
.100
M15G680*2
68 pF
.200
.260
.125
.100
M20G680*2
68 pF
.200
.260
.125
.200
M22G680*2
82 pF
.150
.210
.100
.100
M15G820*2
82 pF
.200
.260
.125
.100
M20G820*2
82 pF
.200
.260
.125
.200
M22G820*2
100 pF
.150
.210
.100
.100
M15G101*2
100 pF
.200
.260
.125
.100
M20G101*2
100 pF
.200
.260
.125
.200
M22G101*2
120 pF
.150
.210
.100
.100
M15G121*2
120 pF
.200
.260
.125
.100
M20G121*2
120 pF
.200
.260
.125
.200
M22G121*2
150 pF
.150
.210
.100
.100
M15G151*2
150 pF
.200
.260
.125
.100
M20G151*2
150 pF
.200
.260
.125
.200
M22G151*2
180 pF
.150
.210
.100
.100
M15G181*2
180 pF
.200
.260
.125
.100
M20G181*2
180 pF
.200
.260
.125
.200
M22G181*2
220 pF
.150
.210
.100
.100
M15G221*2
220 pF
.200
.260
.125
.100
M20G221*2
220 pF
.200
.260
.125
.200
M22G221*2
270 pF
.150
.210
.100
.100
M15G271*2
270 pF
.200
.260
.125
.100
M20G271*2
270 pF
.200
.260
.125
.200
M22G271*2
330 pF
.150
.210
.100
.100
M15G331*2
330 pF
.200
.260
.125
.100
M20G331*2
330 pF
.200
.260
.125
.200
M22G331*2
390 pF
.150
.210
.100
.100
M15G391*2
390 pF
.200
.260
.125
.100
M20G391*2
390 pF
.200
.260
.125
.200
M22G391*2
470 pF
.150
.210
.100
.100
M15G471*2
470 pF
.200
.260
.125
.100
M20G471*2
470 pF
.200
.260
.125
.200
M22G471*2
560 pF
.200
.260
.125
.100
M20G561*2
560 pF
.200
.260
.125
.200
M22G561*2
680 pF
.200
.260
.125
.100
M20G681*2
680 pF
.200
.260
.125
.200
M22G681*2
820 pF
.200
.260
.125
.100
M20G821*2
820 pF
.200
.260
.125
.200
M22G821*2
1000 pF
.200
.260
.125
.100
M20G102*2
1000 pF
.200
.260
.125
.200
M22G102*2
1200 pF
.200
.260
.125
.100
M20G122*2
1200 pF
.200
.260
.125
.200
M22G122*2
1500 pF
.200
.260
.125
.100
M20G152*2
1500 pF
.200
.260
.125
.200
M22G152*2
1800 pF
.200
.260
.125
.100
M20G182*2
1800 pF
.200
.260
.125
.200
M22G182*2
2200 pF
.200
.260
.125
.100
M20G222*2
2200 pF
.200
.260
.125
.200
M22G222*2
2700 pF
.200
.260
.125
.100
M20G272*2
2700 pF
.200
.260
.125
.200
M22G272*2
2700 pF
.300
.360
.150
.200
M30G272*2
3300 pF
.200
.260
.125
.100
M20G332*2
3300 pF
.200
.260
.125
.200
M22G332*2
3300 pF
.300
.360
.150
.200
M30G332*2
3900 pF
.300
.360
.150
.200
M30G392*2
4700 pF
.300
.360
.150
.200
M30G472*2
5600 pF
.300
.360
.150
.200
M30G562*2
6800 pF
.300
.360
.150
.200
M30G682*2
8200 pF
.300
.360
.150
.200
M30G822*2
.01 uF
.300
.360
.150
.200
M30G103*2
.012 uF
.300
.360
.150
.200
M30G123*2
.012 uF
.400
.460
.150
.200
M40G123*2
.015 uF
.300
.360
.150
.200
M30G153*2
.015 uF
.400
.460
.150
.200
M40G153*2
.018 uF
.300
.360
.150
.200
M30G183*2
.018 uF
.400
.460
.150
.200
M40G183*2
.022 uF
.400
.460
.150
.200
M40G223*2
.027 uF
.400
.460
.150
.200
M40G273*2
.033 uF
.400
.460
.150
.200
M40G333*2
.039 uF
.400
.460
.150
.200
M40G393*2
.039 uF
.500
.560
.200
.400
M50G393*2
.047 uF
.400
.460
.150
.200
M40G473*2
.047 uF
.500
.560
.200
.400
M50G473*2
.056 uF
.500
.560
.200
.400
M50G563*2
.068 uF
.500
.560
.200
.400
M50G683*2
Add 'TR' to end of part number for Tape & Reel
M15, M20, M22 - 2,500 per reel
M30 - 1,500 per reel
M40 - 1,000 per reel
M50 - N/A
(Available in full reels only)
* Insert proper letter symbol for tolerance:
(1 pF to 8.2 pF available in D =
.5 pF only)
10 pF to 22 pF:
J =
5%,
K =
10%
27 pF to 47 pF:
G =
2%,
J =
5%,
K =
10%
56 pF & Up:
F =
1%,
G =
2%,
J =
5%,
K =
10%


Similar Part No. - M20G1002

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M20G1002-F CDE-M20G1002-F Datasheet
298Kb / 5P
   Multilayer Ceramic Capacitors COG (NPO). X7R & Z5U Capacitors
More results

Similar Description - M20G1002

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com