Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCZ32240A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVCZ32240A
Description  32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCZ32240A Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVCZ32240A Datasheet HTML 1Page - Texas Instruments SN74LVCZ32240A Datasheet HTML 2Page - Texas Instruments SN74LVCZ32240A Datasheet HTML 3Page - Texas Instruments SN74LVCZ32240A Datasheet HTML 4Page - Texas Instruments SN74LVCZ32240A Datasheet HTML 5Page - Texas Instruments SN74LVCZ32240A Datasheet HTML 6Page - Texas Instruments SN74LVCZ32240A Datasheet HTML 7Page - Texas Instruments SN74LVCZ32240A Datasheet HTML 8Page - Texas Instruments SN74LVCZ32240A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74LVCZ32240A
32-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES421A – JANUARY 2003 – REVISED JULY 2005
Member of the Texas Instruments Widebus+™
Supports Mixed-Mode Signal Operation on All
Family
Ports (5-V Input/Output Voltage With
3.3-V VCC)
Operates From 2.7 V to 3.6 V
Latch-Up Performance Exceeds 100 mA Per
Inputs Accept Voltages to 5.5 V
JESD 78, Class II
Max t
pd of 4.2 ns at 3.3 V
ESD Protection Exceeds JESD 22
I
off and Power-Up 3-State Support Hot
– 2000-V Human-Body Model (A114-A)
Insertion
– 1000-V Charged-Device Model (C101)
This 32-bit buffer/driver is designed for 2.7-V to 3.6-V VCC operation.
The SN74LVCZ32240A is designed specifically to improve both the performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented receivers and transmitters.
The device can be used as eight 4-bit buffers, four 8-bit buffers, two 16-bit buffers, or one 32-bit buffer. This
device provides inverting outputs.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
During power up or power down, when VCC is between 0 and 1.5 V, the device is in the high-impedance state.
However, to ensure the high-impedance state above 1.5 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for hot-insertion applications using Ioff and power-up 3-state. The Ioff circuitry
disables the outputs, preventing damaging current backflow through the device when it is powered down
(VCC = 0 V). The power-up 3-state circuitry places the outputs in the high-impedance state during power up and
power down, which prevents driver conflict.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
LFBGA – GKE
Tape and reel
SN74LVCZ32240AGKER
ZC240A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus+ is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVCZ32240A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ32244A TI1-SN74LVCZ32244A Datasheet
406Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ32244AGKER TI1-SN74LVCZ32244AGKER Datasheet
406Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ32244AZKER TI1-SN74LVCZ32244AZKER Datasheet
406Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ32245A TI-SN74LVCZ32245A Datasheet
295Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ32245AGKER TI-SN74LVCZ32245AGKER Datasheet
295Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCZ32240A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC32244 TI-SN74AUC32244 Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ32244A TI1-SN74LVCZ32244A Datasheet
406Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH32244 TI-SN74AUCH32244 Datasheet
252Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH32244 TI1-SN74ALVCH32244_15 Datasheet
790Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH32244A TI1-SN74LVCH32244A_15 Datasheet
795Kb / 13P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH32244A TI-SN74LVCH32244A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC32244 TI-SN74LVC32244 Datasheet
277Kb / 10P
[Old version datasheet]   32 BIT BUFFER /DRIVER WITH 3 STATE OUTPUTS
SN74ALVCH32244 TI-SN74ALVCH32244 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCH322244A TI-SN74LVCH322244A Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT32240 TI-SN74LVT32240 Datasheet
203Kb / 9P
[Old version datasheet]   3.3-V ABT 32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com