Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8864406VZX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5962-8864406VZX
Description  MIL-STD-1553A/B Bus Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-8864406VZX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5962-8864406VZX Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962-8864406VZX Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-8864406VZX Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-8864406VZX Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-8864406VZX Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-8864406VZX Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-8864406VZX Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-8864406VZX Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-8864406VZX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
Standard Products
UT63M1XX MIL-STD-1553A/B Bus Transceiver
Data Sheet
Sept. 1999
FEATURES
q Full conformance to MIL-STD-1553A and 1553B
q Completely monolithic bipolar technology
q Low power consumption
q Fit and functionally compatible to industry standard 631XX
series
q Idle low encoding version
q Flexible power supply voltages: V
CC=+5V, V EE=-12V or
-
15V, and VCCA=+5V to +12V or +5V to +15V
q Full military operating temperature range, -55
°C to +125°C,
screened to QML Q or QML V requirements
q Standard Military Drawing available
INTRODUCTION
The monolithic UT63M1XX Transceivers are complete
transmitter and receiver pairs conforming fully to MIL-STD-
1553A and 1553B. Encoder and decoder interfaces are idle low.
UTMC’s advanced bipolar technology allows the positive
analog power to range from +5V to +12V or +5V to +15V,
providing more flexibility in system power supply design.
The receiver section of the UT63M1XX series accepts biphase-
modulated Manchester II bipolar data from a MIL-STD-1553
data bus and produces TTL-level signal data at its RXOUT and
RXOUT outputs. An external RXEN input enables or disables
the receiver outputs.
TXIN
RXOUT
RXEN
FROM ENCODER
TO DECODER
DRIVERS
COMPARE
FILTER
LIMITER
and
FILTER
TXIHB
Figure 1. Functional Block Diagram
RXIN
TXOUT
RXIN
TXOUT
RXOUT
TXIN
THRESHOLD
REFERENCE


Similar Part No. - 5962-8864406VZX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-88602013A TI-5962-88602013A Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
5962-8860201JA TI-5962-8860201JA Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
5962-8860201KA TI-5962-8860201KA Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
5962-8860201LA TI-5962-8860201LA Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
5962-88606012A TI-5962-88606012A Datasheet
129Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
More results

Similar Description - 5962-8864406VZX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT63M147 AEROFLEX-UT63M147 Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
MMD Components
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
   MIL-STD-883 Level B
logo
Aeroflex Circuit Techno...
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com