Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17C724R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC17C724R2
Description  0.4 A Dual H-Bridge Motor Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC17C724R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
17C724
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VDD = VM = 3.0V, unless otherwise noted. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VDD, PSAVE)
Supply Voltage Range
Motor Driver Supply Voltage
Logic Supply Voltage
VM
VDD
2.7
2.7
3.0
3.0
5.5
5.5
V
Standby Power Supply Current (10)
VM = 3.0 V
VDD = 3.0 V
IV
MSTBY
IV
DDSTBY
1.0
1.0
µA
Operating Power Supply Current (11)
VDD = 3.0 V
IC
40
100
µA
Logic Input Function
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
PSAVE Terminal Low Level Input Current (12)
VIH
VIL
I.IH
IIL
IIL
VDD 0.7
-1.0
-30
VDD 0.3
1.0
-60
V
V
µA
µA
µA
Driver Output ON Resistance (13)
RDS(ON)
1.0
1.5
Low-Voltage Shutdown Detection Voltage (14)
VDDDET
1.5
2.0
2.5
V
Notes
10.
Power SAVE mode.
11.
IC is the sum of the current of VDD monitor block “Low Voltage Detection Module” and the PSAVE pull-up resistor at fIN = 200 kHz.
12.
VDD = 3.0 V.
13.
IO = 375 mA. RDS(ON) = RSOURCE + RSINK. RL = 6.8 Ω.
14.
Detection voltage is defined as when the output becomes high impedance after VDD voltage falls and when VM = 5.5 V.


Similar Part No. - MPC17C724R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17C724EP/R2 FREESCALE-MPC17C724EP/R2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
More results

Similar Description - MPC17C724R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1014AEC AKM-AP1014AEC Datasheet
546Kb / 13P
   7.0V Dual H-Bridge Motor Driver IC
AP1016AEN AKM-AP1016AEN Datasheet
622Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1019 AKM-AP1019 Datasheet
581Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com