Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6697EP38 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6697EP38
Description  7-Channel Precision Temperature Monitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6697EP38 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6697EP38 Datasheet HTML 7Page - Maxim Integrated Products MAX6697EP38 Datasheet HTML 8Page - Maxim Integrated Products MAX6697EP38 Datasheet HTML 9Page - Maxim Integrated Products MAX6697EP38 Datasheet HTML 10Page - Maxim Integrated Products MAX6697EP38 Datasheet HTML 11Page - Maxim Integrated Products MAX6697EP38 Datasheet HTML 12Page - Maxim Integrated Products MAX6697EP38 Datasheet HTML 13Page - Maxim Integrated Products MAX6697EP38 Datasheet HTML 14Page - Maxim Integrated Products MAX6697EP38 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
7-Channel Precision Temperature Monitor
______________________________________________________________________________________
11
REGISTER
ADDRESS
(HEX)
POR STATE
(HEX)
READ/
WRITE
DESCRIPTION
Local
07
00
R
Read local temperature register
Remote 1
01
00
R
Read channel 1 remote temperature register
Remote 2
02
00
R
Read channel 2 remote temperature register
Remote 3
03
00
R
Read channel 3 remote temperature register
Remote 4
04
00
R
Read channel 4 remote temperature register
Remote 5
05
00
R
Read channel 5 remote temperature register
Remote 6
06
00
R
Read channel 6 remote temperature register
Configuration 1
41
00
R/W
Read/write configuration register 1
Configuration 2
42
00
R/W
Read/write configuration register 2
Configuration 3
43
00
R/W
Read/write configuration register 3
Status1
44
00
R
Read status register 1
Status2
45
00
R
Read status register 2
Status3
46
00
R
Read status register 3
Local
ALERT High Limit
17
5A
R/W
Read/write local alert high-temperature threshold limit register
Remote 1
ALERT High Limit
11
7F
R/W
Read/write channel 1 remote-diode alert high-temperature
threshold limit register
Remote 2
ALERT High Limit
12
64
R/W
Read/write channel 2 remote-diode alert high-temperature
threshold limit register
Remote 3
ALERT High Limit
13
64
R/W
Read/write channel 3 remote-diode alert high-temperature
threshold limit register
Remote 4
ALERT High Limit
14
64
R/W
Read/write channel 4 remote-diode alert high-temperature
threshold limit register
Remote 5
ALERT High Limit
15
64
R/W
Read/write channel 5 remote-diode alert high-temperature
threshold limit register
Remote 6
ALERT High Limit
16
64
R/W
Read/write channel 6 remote-diode alert high-temperature
threshold limit register
Remote 1
OVERT High Limit
21
6E
R/W
Read/write channel 1 remote-diode overtemperature threshold
limit register
Remote 4
OVERT High Limit
24
7F
R/W
Read/write channel 4 remote-diode overtemperature threshold
limit register
Remote 5
OVERT High Limit
25
5A
R/W
Read/write channel 5 remote-diode overtemperature threshold
limit register
Remote 6
OVERT High Limit
26
5A
R/W
Read/write channel 6 remote-diode overtemperature threshold
limit register
Remote 1 Extended
Temperature
09
00
R
Read channel 1 remote-diode extended temperature register
Manufacturer ID
0A
4D
R
Read manufacturer ID
Table 3. Command Byte Register Bit Assignment


Similar Part No. - MAX6697EP38

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6697EP MAXIM-MAX6697EP Datasheet
240Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 3; 5/09
More results

Similar Description - MAX6697EP38

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6689 MAXIM-MAX6689 Datasheet
341Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 0; 5/06
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
   7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6622 MAXIM-MAX6622 Datasheet
195Kb / 18P
   5-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6699 MAXIM-MAX6699_07 Datasheet
301Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 2; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com