Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1985 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LD1985
Description  LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985 Datasheet(HTML) 2 Page - Unisonic Technologies

  LD1985 Datasheet HTML 1Page - Unisonic Technologies LD1985 Datasheet HTML 2Page - Unisonic Technologies LD1985 Datasheet HTML 3Page - Unisonic Technologies LD1985 Datasheet HTML 4Page - Unisonic Technologies LD1985 Datasheet HTML 5Page - Unisonic Technologies LD1985 Datasheet HTML 6Page - Unisonic Technologies LD1985 Datasheet HTML 7Page - Unisonic Technologies LD1985 Datasheet HTML 8Page - Unisonic Technologies LD1985 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R102-021,B
MARKING INFORMATION
PART
NUMBER
VOLTAGE
VOLTAGE
CODE
PART
NUMBER
VOLTAGE
VOLTAGE
CODE
MARKING
LD1985-1.5V
1.5V
15
LD1985-3.3V
3.3V
33
LD1985-1.8V
1.8V
18
LD1985-3.5V
3.5V
35
LD1985-2.5V
2.5V
25
LD1985-3.6V
3.6V
36
LD1985-2.8V
2.8V
28
LD1985-3.8V
3.8V
38
LD1985-2.85V
2.85V
2J
LD1985-4.0V
4.0V
40
LD1985-3.0V
3.0V
30
LD1985-4.7V
4.7V
47
LD1985-3.1V
3.1V
31
LD1985-5.0V
5.0V
50
LD1985-3.2V
3.2V
32
5
4
3
VOLTAGE
CODE
21
L D
BLOCK DIAGRAM
Vout
DRIVER
ERROR
AMPLIFIER
CURRENT
LIMIT
REFERENCE
VOLTAGE
START-UP
SHUTDOWN
TERM. PROTEC.
GND
BYPASS
SHDN
Vin
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
Vi
7
V
INHIBIT Input Voltage
VINH
7
V
Output Current
Io
Internally limited
Power Dissipation
Ptot
Internally limited
Storage Temperature Range
Tstg
-65 ~ +150
Operating Junction Temperature Range
Top
-40 ~ +125
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction-case
Rthj-case
81
/W


Similar Part No. - LD1985

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD1985 UTC-LD1985 Datasheet
253Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985 Datasheet
245Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD1985-15-AF5-R UTC-LD1985-15-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-18-AF5-R UTC-LD1985-18-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

Similar Description - LD1985

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com