Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDT388DBT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LVDT388DBT
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDT388DBT Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDT388DBT Datasheet HTML 1Page - Texas Instruments SN75LVDT388DBT Datasheet HTML 2Page - Texas Instruments SN75LVDT388DBT Datasheet HTML 3Page - Texas Instruments SN75LVDT388DBT Datasheet HTML 4Page - Texas Instruments SN75LVDT388DBT Datasheet HTML 5Page - Texas Instruments SN75LVDT388DBT Datasheet HTML 6Page - Texas Instruments SN75LVDT388DBT Datasheet HTML 7Page - Texas Instruments SN75LVDT388DBT Datasheet HTML 8Page - Texas Instruments SN75LVDT388DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN65LVDS388, SN65LVDT388, SN75LVDS388, SN75LVDT388
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SLLS448A – SEPTEMBER 2000 – REVISED MAY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Eight Line Receivers Meet or Exceed the
Requirements of ANSI TIA/EIA-644
Standard
D Integrated 110-Ω Line Termination
Resistors on LVDT Products
D Designed for Signaling RatesUp To
630 Mbps
D SN65 Version’s Bus-Terminal ESD Exceeds
15 kV
D Operates From a Single 3.3-V Supply
D Propagation Delay Time of 2.6 ns (Typ)
D Output Skew 100 ps (Typ)
Part-To-Part Skew Is Less Than 1 ns
D LVTTL Levels Are 5-V Tolerant
D Open-Circuit Fail Safe
D Flow-Through Pin Out
D Packaged in Thin Shrink Small-Outline
Package With 20-mil Terminal Pitch
description
The ‘LVDS388 and ‘LVDT388 (T designates
integrated termination) are eight differential line
receivers that implement the electrical character-
istics of low-voltage differential signaling (LVDS).
This signaling technique lowers the output voltage
levels of 5-V differential standard levels (such as
EIA/TIA-422B) to reduce the power, increase the
switching speeds, and allow operation with a 3-V
supply rail. Any of the eight differential receivers
will provide a valid logical output state with a
+100-mV differential input voltage within the input
common-mode
voltage
range.
The
input
common-mode voltage range allows 1 V of
ground potential difference between two LVDS
nodes. Additionally, the high-speed switching of
LVDS signals always require the use of a line
impedance matching resistor at the receiving end
of the cable or transmission media. The LVDT
product eliminates this external resistor by
integrating it with the receiver.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
’LVDx388
1A
1B
2A
2B
1Y
2Y
’LVDT388 ONLY
EN
(1/4 of ’LVDx388 shown)
logic diagram (positive logic)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
GND
VCC
ENA
A1Y
A2Y
ENB
B1Y
B2Y
GND
VCC
GND
C1Y
C2Y
ENC
D1Y
D2Y
END
VCC
GND
A1A
A1B
A2A
A2B
NC
B1A
B1B
B2A
B2B
NC
C1A
C1B
C2A
C2B
NC
D1A
D1B
D2A
D2B
’LVDS388, ’LVDT388
DBT PACKAGE
(TOP VIEW)
NOT RECOMMENDED FOR NEW DESIGNS
For Replacement Use ’LVDx388A
† Signaling rate, 1/t, where t is the minimum unit interval and is expressed in the units bits/s (bits per second)


Similar Part No. - SN75LVDT388DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDT388DBT TI-SN75LVDT388DBT Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDT388DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com