Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDF3N04HDR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MMDF3N04HDR2
Description  Power MOSFET 3 Amps, 40 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N04HDR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MMDF3N04HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 9Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 10Page - ON Semiconductor MMDF3N04HDR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MMDF3N04HD
http://onsemi.com
7
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
ms
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance −
General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded, and that the
transition time (tr, tf) does not exceed 10
ms. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RqJC).
A power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and must be adjusted for operating
conditions differing from those specified. Although industry
practice is to rate in terms of energy, avalanche energy
capability is not a constant. The energy rating decreases
non−linearly with an increase of peak current in avalanche
and peak junction temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 13). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
80
ID = 9 A
120
150
160
40
0.1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1
10
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
VGS = 20 V
SINGLE PULSE
TC = 25°C
10
0.1
dc
10 ms
1
100
100
1 ms


Similar Part No. - MMDF3N04HDR2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MMDF3N04HDR2G VBSEMI-MMDF3N04HDR2G Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - MMDF3N04HDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF1300 ONSEMI-MMDF1300 Datasheet
44Kb / 4P
   Power MOSFET 3 Amps, 25 Volts
March, 2001 ??Rev. 1
MMDF3N03HD ONSEMI-MMDF3N03HD Datasheet
118Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 7
NTMD2P01R2 ONSEMI-NTMD2P01R2 Datasheet
142Kb / 6P
   Power MOSFET ??.3 Amps, ??6 Volts
February, 2006 ??Rev. 2
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303-D ONSEMI-MMDFS3P303-D Datasheet
162Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
logo
Unisonic Technologies
UT40N03 UTC-UT40N03 Datasheet
267Kb / 5P
   40 Amps, 30 Volts N-CHANNEL POWER MOSFET
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50_11 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
3N70 UTC-3N70 Datasheet
273Kb / 7P
   3 AMPS, 700 VOLTS N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com