Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9148F-75-T Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9148F-75-T
Description  Frequency Generator & Integrated Buffers for Mother Boards
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148F-75-T Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9148F-75-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9148F-75-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9148F-75-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9148F-75-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9148F-75-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9148F-75-T Datasheet HTML 12Page - Integrated Circuit Systems ICS9148F-75-T Datasheet HTML 13Page - Integrated Circuit Systems ICS9148F-75-T Datasheet HTML 14Page - Integrated Circuit Systems ICS9148F-75-T Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
ICS9148-75
Preliminary Product Preview
Fig. 1
Shared Pin Operation -
Input/Output Pins
The I/O pins designated by (input/output) on the ICS9148-75
serve as dual signal functions to the device. During initial
power-up, they act as input pins. The logic level (voltage)
that is present on these pins at this time is read and stored
into a 5-bit internal data latch. At the end of Power-On reset,
(seeAC characteristics for timing values), the device changes
the mode of operations for these pins to an output function.
In this mode the pins produce the specified buffered clocks
to external loads.
To program (load) the internal configuration register for these
pins, a resistor is connected to either the VDD (logic 1) power
supply or the GND (logic 0) voltage potential. A 10 Kilohm
(10K) resistor is used to provide both the solid CMOS
programming voltage needed during the power-up
programming period and to provide an insignificant load on
the output clock during the subsequent operating period.
Via to
VDD
Clock trace to load
Series Term. Res.
Programming
Header
Via to Gnd
Device
Pad
2K
W
8.2K
W
Figure 1 shows a means of implementing this function when
a switch or 2 pin header is used. With no jumper is installed
the pin will be pulled high. With the jumper in place the pin
will be pulled low. If programmability is not necessary, than
only a single resistor is necessary. The programming resistors
should be located close to the series termination resistor to
minimize the current loop area. It is more important to locate
the series termination resistor close to the driver than the
programming resistor.


Similar Part No. - ICS9148F-75-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148F-02 ICST-ICS9148F-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148F-03 ICST-ICS9148F-03 Datasheet
560Kb / 12P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148F-11 ICST-ICS9148F-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148F-12 ICST-ICS9148F-12 Datasheet
743Kb / 18P
   Pentium/ProTM System Clock Chip
ICS9148F-13 ICST-ICS9148F-13 Datasheet
347Kb / 7P
   Frequency Generator & Integrated Buffers for PENTIUMTM
More results

Similar Description - ICS9148F-75-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-53 ICST-ICS9148-53 Datasheet
540Kb / 18P
   Frequency Generator & Integrated Buffers for Mother Boards
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Circuit Syst...
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
   Frequency Generator & Integrated Buffers
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
   Frequency Generator & Integrated Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com