Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLUB740Z4 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHLUB740Z4
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLUB740Z4 Datasheet(HTML) 1 Page - International Rectifier

  IRHLUB740Z4 Datasheet HTML 1Page - International Rectifier IRHLUB740Z4 Datasheet HTML 2Page - International Rectifier IRHLUB740Z4 Datasheet HTML 3Page - International Rectifier IRHLUB740Z4 Datasheet HTML 4Page - International Rectifier IRHLUB740Z4 Datasheet HTML 5Page - International Rectifier IRHLUB740Z4 Datasheet HTML 6Page - International Rectifier IRHLUB740Z4 Datasheet HTML 7Page - International Rectifier IRHLUB740Z4 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 4.5V, TC = 25°C
Continuous Drain Current
0.8
ID @ VGS = 4.5V, TC = 100°C Continuous Drain Current
0.5
IDM
Pulsed Drain Current ➀
3.2
PD @ TC = 25°C
Max. Power Dissipation
0.6
W
Linear Derating Factor
0.0045
W/°C
VGS
Gate-to-Source Voltage
±10
V
EAS
Single Pulse Avalanche Energy ➁
2.0
mJ
IAR
Avalanche Current ➀
0.8
A
EAR
Repetitive Avalanche Energy ➀
0.06
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (for 5s)
Weight
43 (Typical)
mg
oC
A
02/02/04
www.irf.com
1
Product Summary
Part Number Radiation Level
RDS(on)
ID
IRHLUB770Z4 100K Rads (Si)
0.55
0.8A
IRHLUB730Z4 300K Rads (Si)
0.55
0.8A
IRHLUB740Z4 600K Rads (Si)
0.55
0.8A
IRHLUB780Z4 1000K Rads (Si) 0.55
0.8A
For footnotes refer to the last page
Pre-Irradiation
RADIATION HARDENED
IRHLUB770Z4
LOGIC LEVEL POWER MOSFET
60V, N-CHANNEL
SURFACE MOUNT (UB)
UB
Features:
n 5V CMOS and TTL Compatible
n Fast Switching
n
Single Event Effect (SEE) Hardened
n
Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n
Light Weight
n
Complimentary P-Channel Available -
IRHLUB7970Z4
International Rectifier’s R7TM Logic Level Power
MOSFETs provide simple solution to interfacing
CMOS and TTL control circuits to power devices in
space and other radiation environments. The
threshold voltage remains within acceptable operating
limits over the full operating temperature and post
radiation. This is achieved while maintaining single
event gate rupture and single event burnout immunity.
These devices are used in applications such as
current boost low signal source in PWM, voltage
comparator and operational amplifiers.
c
TECHNOLOGY
PD - 95813


Similar Part No. - IRHLUB740Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUB730Z4 IRF-IRHLUB730Z4 Datasheet
112Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB) 60V, N-CHANNEL
IRHLUB770Z4 IRF-IRHLUB770Z4 Datasheet
112Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB) 60V, N-CHANNEL
IRHLUB770Z4 IRF-IRHLUB770Z4 Datasheet
221Kb / 11P
   Simple Drive Requirements
IRHLUB770Z4 IRF-IRHLUB770Z4_10 Datasheet
222Kb / 11P
   RADIATION HARDENEDLOGIC LEVEL POWER MOSFETSURFACE MOUNT (UB)
IRHLUB770Z4 IRF-IRHLUB770Z4_15 Datasheet
221Kb / 11P
   Simple Drive Requirements
More results

Similar Description - IRHLUB740Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7626UB IRF-JANSR2N7626UB Datasheet
231Kb / 11P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
180Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB770Z4 IRF-IRHLUB770Z4 Datasheet
112Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB) 60V, N-CHANNEL
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLNJ797034 IRF-IRHLNJ797034 Datasheet
209Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com