Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C82002S-50J Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC41C82002S-50J
Description  2Mx8 bit Dynamic RAM with EDO Page Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C82002S-50J Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC41C82002S-50J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C82002S-50J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C82002S-50J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C82002S-50J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C82002S-50J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C82002S-50J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C82002S-50J Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C82002S-50J Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C82002S-50J Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IC41C82002S
IC41LV82002S
Integrated Circuit Solution Inc.
7
DR022-0A 08/20/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-
50
-
60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Random READ or WRITE Cycle Time
84
104
ns
tRAC
Access Time from RAS(6, 7)
—50
60
ns
tCAC
Access Time from CAS(6, 8, 15)
—13
15
ns
tAA
Access Time from Column-Address(6)
—25
30
ns
tRAS
RAS Pulse Width
50
10K
60
10K
ns
tRP
RAS Precharge Time
30
40
ns
tCAS
CAS Pulse Width(23)
810K
10
10K
ns
tCP
CAS Precharge Time(9)
9—
9—
ns
tCSH
CAS Hold Time (21)
38
40
ns
tRCD
RAS to CAS Delay Time(10, 20)
12
37
14
45
ns
tASR
Row-Address Setup Time
0
0
ns
tRAH
Row-Address Hold Time
7
10
ns
tASC
Column-Address Setup Time(20)
0—
0—
ns
tCAH
Column-Address Hold Time(20)
8—
10
ns
tAR
Column-Address Hold Time
30
40
ns
(referenced to RAS)
tRAD
RAS to Column-Address Delay Time(11)
10
25
12
30
ns
tRAL
Column-Address to RAS Lead Time
25
30
ns
tRPC
RAS to CAS Precharge Time
5
5
ns
tRSH
RAS Hold Time
8
10
ns
tCLZ
CAS to Output in Low-Z(15, 24)
0—
0—
ns
tCRP
CAS to RAS Precharge Time(21)
5—
5—
ns
tOD
Output Disable Time(19, 24)
315
3
15
ns
tOE
Output Enable Time(15, 16)
—12
15
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
5
5
ns
tOEP
OE HIGH Pulse Width
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0—
0—
ns
tRRH
Read Command Hold Time
0
0
ns
(referenced to RAS)(12)
tRCH
Read Command Hold Time
0
0
ns
(referenced to CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17)
8—
10
ns
tWCR
Write Command Hold Time
40
50
ns
(referenced to RAS)(17)
tWP
Write Command Pulse Width(17)
8—
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
7
7
ns
tRWL
Write Command to RAS Lead Time(17)
13
15
ns
tCWL
Write Command to CAS Lead Time(17, 21)
8—
10
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0—
ns
tDHR
Data-in Hold Time (referenced to RAS)
39
39
ns


Similar Part No. - IC41C82002S-50J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C82002-50J ICSI-IC41C82002-50J Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C82002-50T ICSI-IC41C82002-50T Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C82002-60J ICSI-IC41C82002-60J Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C82002-60T ICSI-IC41C82002-60T Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41C82002S-50J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
OKI electronic componet...
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com