Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7528MX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7528MX
Description  Dual Output Critical Conduction Mode PFC Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7528MX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7528MX Datasheet HTML 1Page - Fairchild Semiconductor FAN7528MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7528MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7528MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7528MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7528MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7528MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7528MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7528MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
www.fairchildsemi.com
FAN7528 Rev. 1.0.1
Pin Assignments
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1INV
This pin is the inverting input of the error amplifier. The output voltage of the boost PFC converter
should be resistively divided to 2.5V at the high line condition and connected to this pin. If this
pin voltage is controlled to be lower than 0.45V, the device is disabled.
2COMP
This pin is the output of the transconductance error amplifier. Some components for the output
voltage compensation should be connected between this pin and GND.
3MOT
This pin is used to set the slope of the internal ramp. The voltage of this pin is maintained to be
1V. If a resistor is connected between this pin and GND, current flows out of the pin and the slope
of the internal ramp is proportional to this current.
4CS
This pin is the input of the over current protection comparator. The MOSFET current is sensed
using a sensing resistor and the resulting voltage is applied to this pin. An internal RC filter is
included to filter switching noise. This pin is sensitive to the negative voltage below -0.3V. For
proper operation, the stray inductance in the sensing path and the inductance of the sensing re-
sistor must be minimized.
5ZCD
This pin is the input of the zero current detection block. If the voltage of this pin goes higher than
1.5V and then goes lower than 1.4V, the MOSFET is turned on.
6GND
This pin is used for the ground potential of all the pins. For proper operation, the signal ground
and the power ground should be separated.
7OUT
This pin is the gate drive output. The peak sourcing and sinking current level is 400mA. For prop-
er operation, the stray inductance in the gate driving path must be minimized.
8
Vcc
This pin is the IC supply pin. IC current and MOSFET drive current are supplied using this pin.
FAN
7528
6
5
8
7
Vcc
OUT
GND
ZCD
1
2
3
4
COMP
CS
MOT
INV
WWW


Similar Part No. - FAN7528MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7528MX FAIRCHILD-FAN7528MX Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7528MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7528 FAIRCHILD-FAN7528_07 Datasheet
2Mb / 21P
   Dual-Output, Critical Conduction Mode PFC Controller
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com