Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT572D740 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT572D740
Description  DIOPSIS 740 Dual Core DSP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT572D740 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT572D740 Datasheet HTML 7Page - ATMEL Corporation AT572D740 Datasheet HTML 8Page - ATMEL Corporation AT572D740 Datasheet HTML 9Page - ATMEL Corporation AT572D740 Datasheet HTML 10Page - ATMEL Corporation AT572D740 Datasheet HTML 11Page - ATMEL Corporation AT572D740 Datasheet HTML 12Page - ATMEL Corporation AT572D740 Datasheet HTML 13Page - ATMEL Corporation AT572D740 Datasheet HTML 14Page - ATMEL Corporation AT572D740 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
AT572D740
7001AS–DPS–03/04
Figure 2. mAgic DSP Block Diagram
The operators block, the register file, the address generation unit and the program-
sequencing unit compose the core processor. The Operators Block contains the hard-
ware that performs arithmetical operations. It works on 32-bit integers and IEEE 754
extended precision 40-bit floating-point data.
The Operators Block is composed of four integer/floating point multipliers, an adder, a
subtractor and two add-subtract integer/floating point units; moreover, it has two
shift/logic units, a Min/Max operator and two seed generators for efficient division and
inverse square root computation. The operators block is arranged in order to natively
support complex arithmetic (single cycle complex multiply or multiply and add), fast FFT
(single cycle butterfly computation) and vectorial computations. The peak performance
of mAgic is achieved during single cycle FFT butterfly execution, when mAgic delivers
10 floating-point operations per clock cycle.
mAgic is equipped with two independent address generation units. It is able to generate
up to two pairs of addresses, one to access the left and the right memory for reading
and one to access the left and the right memory for writing. It is also used in the loop
control to test if the end of a loop is reached. The Multiple Address Generation Unit
(MAGU) supports linear addressing with stride, circular addressing and bit reversed
addressing. The address generation unit has 16 registers.
The Program Address Generation Unit is devoted to control the correct Program
Counter generation according to the program flow. It generates addresses for linear
code execution as well as for non-sequential program flow. The Condition Generation
Unit combines the flags generated by the operators to produce complex conditions flags
used to control the program execution. Predicated instruction execution is supported for
different groups of instructions: arithmetical instructions, memory write, immediate load,
or all of them. The Program Address Generation Unit also allows to perform conditioned
and unconditioned branch instructions, loops, call to subroutines and return from sub-
routines.
mAgic – ARM I/F
PARM
Memory
Left 512x40
PARM
Memory
Right 512x40
Data
Memory
Left 6Kx40
Data
Memory
Right 6Kx40
Buffer Data
Memory Left
2Kx40
Buffer Data
Memory
Right 2Kx40
External Memory I/F
Multiple
Address
Generation
Unit
Address
Register File
Operator
Block
Data Register
File
VLIW Program Memory
Local Controller and VLIW Decoder
Instruction
Decoder
Condition
Generation
Status
Register
Program
Counter
DMA
Controller


Similar Part No. - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
318Kb / 39P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CJ ATMEL-AT572D940HF-CJ Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF-CL ATMEL-AT572D940HF-CL Datasheet
318Kb / 39P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
More results

Similar Description - AT572D740

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT572D940HF ATMEL-AT572D940HF Datasheet
318Kb / 39P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
AT572D940HF ATMEL-AT572D940HF_08 Datasheet
3Mb / 745P
   DIOPSIS 940HF ARM926EJ-S PLUS ONE GFLOPS DSP
logo
Analog Devices
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
   SHARC Dual-Core DSP with ARM Cortex-A5
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
   SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
   SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
   SHARC Dual-Core DSP with Arm Cortex-A5
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
   SHARC plus Dual Core DSP with ARM Cortex-A5
logo
Asahi Kasei Microsystem...
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com