Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62381FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M62381FP
Description  8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62381FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M62381FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62381FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62381FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62381FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62381FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(
/ 5 )
ELECTRIC
MITSUBISHI
M62381FP
MITSUBISHI<Dig.Ana.INTERFACE>
8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
4
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Unit
Supply voltage
-0.3 to +6.0
Parameter
Conditions
Topr
Operating temperature
Output voltage
Analog part(VDD=+5V, VSS=-5V,VDD
≥VIN≥Vss,GND=0V,Ta=-20 to +85°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
mA
°C
°C
-20 to +85
-40 to +125
VDD
V
Vo
IIN
D-A converter reference input current
Tstg
Storage temperature
LSB
VAO
Buffer amplifier output voltage range
Buffer amplifier output current range
Differential nonlinearity
VAO=VAOZERO+0.3 to VAOFULL-0.3
0.2
ELECTRICAL CHARACTERISTICS
Digital part(VDD=+5V, VSS=-5V,VDD
≥VIN≥Vss,GND=0V,Ta=-20 to +85°C,unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
VDD
Supply voltage
VIH
IILK
VIL
VOL
Input leak current
Input low voltage
Output low voltage
Output high voltage
µA
4.5
VOH
5.5
10
0.4
-10
Input high voltage
V
V
V
V
5.0
0.2VDD
VDD-0.4
IOL=2.5mA
IOH=-400µA
LSB
V
VAOZERO
+0.15
IAO=±500µA
IAO=±1mA
V
IAO
-1.0
1.0
mA
Nonlinearity
Gain error
-1.0
-1.5
-3
1.0
1.5
3
VIN
Digital input voltage
Vss
Analog negative supply voltage
VIN
Input voltage
V
V
V
-0.3 to +6.0
-6.0 to +3.0
Vss+0.3 to VDD-0.3
Vss+0.3 to VDD-0.3
VIN=0 to Vcc
0.8VDD
Resolution
8
bit
ns
AC CHARACTERISTICS
Symbol
Unit
Clock "L"pulse width
tCR
Clock rise time
tCXL
Parameter
Test conditions
tCXH
tCF
tDCH
tCHD
tCHL
Limits
Min
Typ
Max
tLDH
tLDC
LD "H" pulse width
tDo
Data output delay time
ns
ns
ns
ns
ns
ns
ns
ns
200
200
200
200
30
60
200
100
100
Clock "H"pulse width
Clock fall time
Data set up time
Data hold time
LD set up time
LD hold time
tLDD
ns
70
350
CL=100pF
D-A output setting time
ns
Without load
RES
DNL
NL
EG
VDD-0.5
≥VIN≥VSS+0.5
%FS
VAOZERO
+0.3
VAOFULL
-0.15
VAOFULL
-0.3
0.4


Similar Part No. - M62381FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62381FP RENESAS-M62381FP Datasheet
1Mb / 6P
   8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62381FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20178NP RENESAS-R2A20178NP Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FP RENESAS-M62364FP_09 Datasheet
124Kb / 9P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
R2A20178NP RENESAS-R2A20178NP_15 Datasheet
182Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62364FPGP RENESAS-M62364FPGP_15 Datasheet
139Kb / 11P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62381FP RENESAS-M62381FP Datasheet
1Mb / 6P
   8-BIT 8CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
M62364FP RENESAS-M62364FP Datasheet
109Kb / 8P
   8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
   8-bit 8ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com