Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7N323601M-FC13 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K7N323601M-FC13
Description  1Mx36 & 2Mx18 Pipelined NtRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N323601M-FC13 Datasheet(HTML) 1 Page - Samsung semiconductor

  K7N323601M-FC13 Datasheet HTML 1Page - Samsung semiconductor K7N323601M-FC13 Datasheet HTML 2Page - Samsung semiconductor K7N323601M-FC13 Datasheet HTML 3Page - Samsung semiconductor K7N323601M-FC13 Datasheet HTML 4Page - Samsung semiconductor K7N323601M-FC13 Datasheet HTML 5Page - Samsung semiconductor K7N323601M-FC13 Datasheet HTML 6Page - Samsung semiconductor K7N323601M-FC13 Datasheet HTML 7Page - Samsung semiconductor K7N323601M-FC13 Datasheet HTML 8Page - Samsung semiconductor K7N323601M-FC13 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
K7N323645M
1Mx36 & 2Mx18 Pipelined NtRAMTM
- 1 -
Rev 2.0
Nov. 2003
K7N321845M
Document Title
1Mx36 & 2Mx18-Bit Pipelined N tRAMTM
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Revision History
Rev. No.
0.0
0.1
0.2
0.3
0.4
0.5
1.0
1.1
2.0
Remark
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Final
Final
Final
History
1. Initial document.
1. Add 165FBGA package
1.Update JTAG scan order
2. Speed bin merge.
From K7N3236(18)49M to K7N3236(18)45M
3. AC parameter change.
tOH(min)/tLZC(min) from 0.8 to 1.5 at -25
tOH(min)/tLZC(min) from 1.0 to 1.5 at -22
tOH(min)/tLZC(min) from 1.0 to 1.5 at -20
1. Change pin out for 165FBGA
- x18/x36 ;
11B => from A to NC
,
2R ==> from NC to A
1. Insert pin at JTAG scan order of 165FBGA in connection with
pin out change
- x18/x36 ;
insert Pin ID of 2R to BIT number of 69
1. Add Icc, Isb, Isb1 and Isb2 values.
1. Final datasheet release.
1. Change the Stand-by current (Isb)
Before
After
Isb - 25 :
120
170
- 22 :
110
160
- 20 :
100
150
- 16 :
90
140
- 15 :
90
140
- 13 :
90
140
Isb1
:
90
110
Isb2
:
80
100
1. Delete the 119BGA package
2. Delete the 225MHz and 150MHz speed bin
Draft Date
May. 10. 2001
Aug. 29. 2001
Dec. 31. 2001
Feb. 14. 2002
Apr. 20. 2002
May. 10. 2002
Sep. 26. 2002
Oct. 17, 2003
Nov. 18, 2003


Similar Part No. - K7N323601M-FC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N323601M-QC20 SAMSUNG-K7N323601M-QC20 Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7N323601M-QC20 SAMSUNG-K7N323601M-QC20 Datasheet
277Kb / 24P
   1Mx36 & 2Mx18-Bit Pipelined NtRAM
K7N323601M-QC25 SAMSUNG-K7N323601M-QC25 Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7N323601M-QC25 SAMSUNG-K7N323601M-QC25 Datasheet
277Kb / 24P
   1Mx36 & 2Mx18-Bit Pipelined NtRAM
More results

Similar Description - K7N323601M-FC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
DS_K7N323601M SAMSUNG-DS_K7N323601M Datasheet
277Kb / 24P
   1Mx36 & 2Mx18-Bit Pipelined NtRAM
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
logo
Integrated Silicon Solu...
IS61QDPB42M18B ISSI-IS61QDPB42M18B Datasheet
886Kb / 33P
   1Mx36 and 2Mx18 configuration available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com